Electronic Components Datasheet Search
  English  ▼

X  

ISO122P Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ISO122P
Description  Precision Lowest Cost ISOLATION AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO122P Datasheet(HTML) 4 Page - Texas Instruments

  ISO122P Datasheet HTML 1Page - Texas Instruments ISO122P Datasheet HTML 2Page - Texas Instruments ISO122P Datasheet HTML 3Page - Texas Instruments ISO122P Datasheet HTML 4Page - Texas Instruments ISO122P Datasheet HTML 5Page - Texas Instruments ISO122P Datasheet HTML 6Page - Texas Instruments ISO122P Datasheet HTML 7Page - Texas Instruments ISO122P Datasheet HTML 8Page - Texas Instruments ISO122P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
®
ISO122
+10
0
–10
0
500
Time (
µs)
SINE RESPONSE
(f = 2kHz)
1000
Time (
µs)
+10
0
–10
0
100
50
SINE RESPONSE
(f = 20kHz)
Time (
µs)
+10
0
–10
0
STEP RESPONSE
100
50
Time (
µs)
+10
0
–10
0
STEP RESPONSE
500
1000
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VS = ±15V unless otherwise noted.
100
0
100M
10M
ISOLATION VOLTAGE
vs FREQUENCY
Typical
Performance
Frequency (Hz)
100k
10k
Max DC Rating
1k
Degraded
Performance
100
1k
1M
2.1k
IMR vs FREQUENCY
1M
1
Frequency (Hz)
160
140
120
100
80
60
40
10
100
100k
10k
1k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com