Electronic Components Datasheet Search
  English  ▼

X  

ISO122P Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # ISO122P
Description  Precision Lowest Cost ISOLATION AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO122P Datasheet(HTML) 9 Page - Texas Instruments

Back Button ISO122P Datasheet HTML 5Page - Texas Instruments ISO122P Datasheet HTML 6Page - Texas Instruments ISO122P Datasheet HTML 7Page - Texas Instruments ISO122P Datasheet HTML 8Page - Texas Instruments ISO122P Datasheet HTML 9Page - Texas Instruments ISO122P Datasheet HTML 10Page - Texas Instruments ISO122P Datasheet HTML 11Page - Texas Instruments ISO122P Datasheet HTML 12Page - Texas Instruments ISO122P Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
®
ISO122
10.0V
Thermocouple
REF
102
27k
Ω
R
1
R
4
+In
–In
–15V
2
14
13
1
R
G
12
10
3
5
4
11
R
5
R
3
R
2
Isothermal
Block with
1N4148 (1)
Ground Loop Through Conduit
100
Zero Adj
R
6
50
Ω
100
Ω
+15V
+15V –15V
+15V –15V
1
2
9
8
16
15
10
7
V
OUT
ISO122P
FIGURE 6. Thermocouple Amplifier with Ground Loop Elimination, Cold Junction Compensation, and Up-scale Burn-out.
SEEBACK
ISA
COEFFICIENT
R
2
R
4
TYPE
MATERIAL
(
µV/°C)
(R
3 = 100Ω)(R5 + R6 = 100Ω)
Chromel
E
Constantan
58.5
3.48k
Ω
56.2k
Ω
Iron
J
Constantan
50.2
4.12k
Ω
64.9k
Ω
Chromel
K
Alumel
39.4
5.23k
Ω
80.6k
Ω
Copper
T
Constantan
38.0
5.49k
Ω
84.5k
Ω
NOTE: (1) –2.1mV/
°C at 2.00µA.
1M
Ω
INA101
2
6
4
+15V
6
5
RTD
(PT100)
1mA
1mA
2mA
R
2 = 2.5kΩ
–V
0V-5V
+V
Gnd
–V
S = –15V
on PWS740
4-20mA
ISO122P
3
2
14
9
8
2
11
8
7
4
3
V
OUT
10
7
12
4
10
XTR101
+V
S =15V
on PWS740
R
1 = 100Ω
10
11
5, 13
15
16
15
16
1
FIGURE 7. Isolated 4-20mA Instrument Loop. (RTD shown.)
R
S
RCV420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com