Electronic Components Datasheet Search
  English  ▼

X  

ISO122P Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO122P
Description  Precision Lowest Cost ISOLATION AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO122P Datasheet(HTML) 2 Page - Texas Instruments

  ISO122P Datasheet HTML 1Page - Texas Instruments ISO122P Datasheet HTML 2Page - Texas Instruments ISO122P Datasheet HTML 3Page - Texas Instruments ISO122P Datasheet HTML 4Page - Texas Instruments ISO122P Datasheet HTML 5Page - Texas Instruments ISO122P Datasheet HTML 6Page - Texas Instruments ISO122P Datasheet HTML 7Page - Texas Instruments ISO122P Datasheet HTML 8Page - Texas Instruments ISO122P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
®
ISO122
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
At T
A = +25°C , VS1 = VS2 = ±15V, and RL = 2kΩ unless otherwise noted.
ISO122P/U
ISO122JP/JU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ISOLATION
Voltage Rated Continuous AC 60Hz
1500
*
VAC
100% Test (1)
1s, 5pc PD
2400
*
VAC
Isolation Mode Rejection
60Hz
140
*
dB
Barrier Impedance
1014 || 2
*
Ω || pF
Leakage Current at 60Hz
V
ISO = 240Vrms
0.18
0.5
*
*
µArms
GAIN
V
O = ±10V
Nominal Gain
1
*
V/V
Gain Error
±0.05
±0.50
*
*
%FSR
Gain vs Temperature
±10
*
ppm/
°C
Nonlinearity(2)
±0.016
±0.020
±0.025
±0.050
%FSR
INPUT OFFSET VOLTAGE
Initial Offset
±20
±50
*
*
mV
vs Temperature
±200
*
µV/°C
vs Supply
±2
*
mV/V
Noise
4*
µV/√Hz
INPUT
Voltage Range
±10
±12.5
*
*
V
Resistance
200
*
k
Ω
OUTPUT
Voltage Range
±10
±12.5
*
*
V
Current Drive
±5
±15
*
*
mA
Capacitive Load Drive
0.1
*
µF
Ripple Voltage(3)
20
*
mVp-p
FREQUENCY RESPONSE
Small Signal Bandwidth
50
*
kHz
Slew Rate
2*
V/
µs
Settling Time
V
O = ±10V
0.1%
50
*
µs
0.01%
350
*
µs
Overload Recover Time
150
*
µs
POWER SUPPLIES
Rated Voltage
±15
*
V
Voltage Range
±4.5
±18
*
*
V
Quiescent Current: V
S1
±5.0
±7.0
*
*
mA
V
S2
±5.5
±7.0
*
*
mA
TEMPERATURE RANGE
Specification
–25
+85
*
*
°C
Operating
–25
+85
*
*
°C
Storage
–40
+85
*
*
°C
θ
JA
100
*
°C/W
θ
JC
65
*
°C/W
* Specification same as ISO122P/U.
NOTES: (1) Tested at 1.6 X rated, fail on 5pC partial discharge. (2) Nonlinearity is the peak deviation of the output voltage from the best-fit straight line. It is expressed
as the ratio of deviation to FSR. (3) Ripple frequency is at carrier frequency (500kHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com