Electronic Components Datasheet Search
  English  ▼

X  

BAV70 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAV70
Description  High-speed switching diodes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAV70 Datasheet(HTML) 1 Page - NXP Semiconductors

  BAV70 Datasheet HTML 1Page - NXP Semiconductors BAV70 Datasheet HTML 2Page - NXP Semiconductors BAV70 Datasheet HTML 3Page - NXP Semiconductors BAV70 Datasheet HTML 4Page - NXP Semiconductors BAV70 Datasheet HTML 5Page - NXP Semiconductors BAV70 Datasheet HTML 6Page - NXP Semiconductors BAV70 Datasheet HTML 7Page - NXP Semiconductors BAV70 Datasheet HTML 8Page - NXP Semiconductors BAV70 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
1.
Product profile
1.1 General description
High-speed switching diodes, encapsulated in small Surface-Mounted Device (SMD)
plastic packages.
1.2 Features
1.3 Applications
I High-speed switching
I General-purpose switching
1.4 Quick reference data
[1]
When switched from IF = 10 mA to IR = 10 mA; RL = 100 Ω; measured at IR = 1 mA.
BAV70 series
High-speed switching diodes
Rev. 07 — 27 November 2007
Product data sheet
Table 1.
Product overview
Type number
Package
Package
configuration
Configuration
NXP
JEITA
JEDEC
BAV70
SOT23
-
TO-236AB small
dual common cathode
BAV70M
SOT883
SC-101
-
leadless ultra
small
dual common cathode
BAV70S
SOT363
SC-88
-
very small
quadruple common
cathode/common cathode
BAV70T
SOT416
SC-75
-
ultra small
dual common cathode
BAV70W
SOT323
SC-70
-
very small
dual common cathode
I High switching speed: trr ≤ 4ns
I Low capacitance: Cd ≤ 1.5 pF
I Low leakage current
I Reverse voltage: VR ≤ 100 V
I Small SMD plastic packages
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
IR
reverse current
VR = 80 V
-
-
0.5
µA
VR
reverse voltage
-
-
100
V
trr
reverse recovery time
[1] --4
ns


Similar Part No. - BAV70

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAV70 PANJIT-BAV70 Datasheet
113Kb / 3P
SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAV70 PHILIPS-BAV70 Datasheet
56Kb / 12P
High-speed double diode
1999 May 05
logo
Vishay Siliconix
BAV70 VISHAY-BAV70 Datasheet
54Kb / 4P
Dual Surface Mount Switching Diode
17-Mar-99
logo
Transys Electronics
BAV70 TRSYS-BAV70 Datasheet
146Kb / 2P
DUAL SURFACE MOUNT SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAV70

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDH900 FAIRCHILD-FDH900 Datasheet
32Kb / 1P
High Speed Switching Diodes
logo
Jiangsu Changjiang Elec...
1SS404 JIANGSU-1SS404 Datasheet
61Kb / 2P
High Speed SWITCHING Diodes
1SS422 JIANGSU-1SS422 Datasheet
73Kb / 2P
High Speed SWITCHING Diodes
logo
SynSemi, Inc.
1N4531 SYNSEMI-1N4531 Datasheet
30Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Weitron Technology
BAS516 WEITRON-BAS516 Datasheet
225Kb / 4P
High Speed Switching Diodes
logo
EIC discrete Semiconduc...
BAW75 EIC-BAW75 Datasheet
35Kb / 2P
HIGH SPEED SWITCHING DIODES
logo
Shenzhen Jin Yu Semicon...
1SS388 HTSEMI-1SS388 Datasheet
235Kb / 2P
High Speed SWITCHING Diodes
logo
SeCoS Halbleitertechnol...
SCS422S SECOS-SCS422S_15 Datasheet
502Kb / 2P
High Speed Switching Diodes
logo
SHENZHEN YONGERJIA INDU...
1SS422 WINNERJOIN-1SS422_15 Datasheet
137Kb / 2P
High Speed SWITCHING Diodes
logo
NXP Semiconductors
BAV756S_BAW56 PHILIPS-BAV756S_BAW56_15 Datasheet
375Kb / 16P
High-speed switching diodes
Rev. 6-18 March 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com