Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/DA/2 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8576DU/DA/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/DA/2 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8576DU/DA/2 Datasheet HTML 18Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 19Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 20Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 21Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 22Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 23Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
22 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
If the bit at position BP2/S2 would be written by a second byte transmitted, then the
mapping of the segment bits would change as illustrated in Table 8.
In the case described in Table 8 the RAM has to be written entirely and BP2/S2, BP2/S5,
BP2/S8 etc. have to be connected to elements on the display. This can be achieved by a
combination of writing and rewriting the RAM like follows:
• In the first write to the RAM, bits a7 to a0 are written.
• In the second write, bits b7 to b0 are written, overwriting bits a1 and a0 with bits b7
and b6.
• In the third write, bits c7 to c0 are written, overwriting bits b1 and b0 with bits c7 and
c6.
Depending on the method of writing to the RAM (standard or entire filling by rewriting),
some elements remain unused or can be used, but it has to be considered in the module
layout process as well as in the driver software design.
7.10.4 Writing over the RAM address boundary
In all multiplex drive modes, depending on the setting of the data pointer, it is possible to
fill the RAM over the RAM address boundary. If the PCF8576D is part of a cascade the
additional bits fall into the next device that also generates the acknowledge signal. If the
PCF8576D is a single device or the last device in a cascade the additional bits will be
discarded and no acknowledge signal will be generated.
7.10.5 Output bank selector
The output bank selector (see Table 15) selects one of the four rows per display RAM
address for transfer to the display register. The actual row selected depends on the
selected LCD drive mode in operation and on the instant in the multiplex sequence.
• In 1:4 multiplex mode, all RAM addresses of row 0 are selected, these are followed by
the contents of row 1, 2, and then 3
• In 1:3 multiplex mode, rows 0, 1, and 2 are selected sequentially
• In 1:2 multiplex mode, rows 0 and 1 are selected
• In static mode, row 0 is selected
The PCF8576D includes a RAM bank switching feature in the static and 1:2 multiplex
drive modes. In the static drive mode, the bank-select command may request the contents
of row 2 to be selected for display instead of the contents of row 0. In the 1:2 multiplex
Table 8.
Entire RAM filling by rewriting in 1:3 multiplex drive mode
Assumption: BP2/S2, BP2/S5, BP2/S8 etc. are connected to elements on the display.
Display RAM
bits (rows)/
backplane
outputs (BPn)
Display RAM addresses (columns)/segment outputs (Sn)
0
1
2
3
4
5
6
7
8
9
:
0
a7
a4
a1/b7 b4
b1/c7 c4
c1/d7 d4
d1/e7 e4
:
1
a6
a3
a0/b6 b3
b0/c6 c3
c0/d6 d3
d0/e6 e3
:
2
a5
a2
b5
b2
c5
c2
d5
d2
e5
e2
:
3
---
---
---
-:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com