Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/DA/2 Datasheet(PDF) 36 Page - NXP Semiconductors

Part # PCF8576DU/DA/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/DA/2 Datasheet(HTML) 36 Page - NXP Semiconductors

Back Button PCF8576DU/DA/2 Datasheet HTML 32Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 33Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 34Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 35Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 36Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 37Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 38Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 39Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
36 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
13. Application information
13.1 Cascaded operation
In large display configurations, up to 16 PCF8576Ds can be differentiated on the same
I2C-bus by using the 3-bit hardware subaddresses (A0, A1 and A2) and the
programmable I2C-bus slave address (SA0).
PCF8576Ds connected in cascade are synchronized to allow the backplane signals from
only one device in the cascade to be shared. This arrangement is cost-effective in large
LCD applications since the backplane outputs of only one device need to be
through-plated to the backplane electrodes of the display. The other cascaded
PCF8576Ds contribute additional segment outputs but their backplane outputs are left
open-circuit (see Figure 23).
All PCF8576Ds connected in cascade are correctly synchronized by the SYNC signal.
This synchronization is guaranteed after the power-on reset. The only time that SYNC is
likely to be needed is if synchronization is lost accidentally, for example, by noise in
adverse electrical environments, or if the LCD multiplex drive mode is changed in an
application using several cascaded PCF8576Ds, as the drive mode cannot be changed
on all of the cascaded devices simultaneously. SYNC can be either an input or an output
signal; a SYNC output is implemented as an open-drain driver with an internal pull-up
resistor. The PCF8576D asserts SYNC at the start of its last active backplane signal and
monitors the SYNC line at all other times. If cascade synchronization is lost, it is restored
by the first PCF8576D to assert SYNC. The timing relationship between the backplane
waveforms and the SYNC signal for each LCD drive mode is shown in Figure 24.
Table 21.
Addressing cascaded PCF8576D
Cluster
Bit SA0
Pin A2
Pin A1
Pin A0
Device
100
000
0
011
0
102
0
113
1
004
1
015
1
106
1
117
210
008
0
019
0
1010
0
1111
1
0012
1
0113
1
1014
1
1115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com