Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/DA/2 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # PCF8576DU/DA/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/DA/2 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button PCF8576DU/DA/2 Datasheet HTML 22Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 23Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 27Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 28Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 29Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
26 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
[1]
The bank-select command has no effect in 1:3 and 1:4 multiplex drive modes.
[2]
Default value.
[1]
Normal blinking is assumed when the LCD multiplex drive modes 1:3 or 1:4 are selected.
[2]
Default value.
[3]
Alternate RAM bank blinking does not apply in 1:3 and 1:4 multiplex drive modes.
7.13 Display controller
The display controller executes the commands identified by the command decoder. It
contains the device’s status registers and coordinates their effects. The display controller
is also responsible for loading display data into the display RAM in the correct filling order.
Table 15.
Bank-select command bit description
See Section 7.10.5 and Section 7.10.6.
Bit
Symbol
Value
Description
Static
1:2 multiplex[1]
7
C
0, 1
see Table 11
6 to 2
-
11110
fixed value
1I
input bank selection; storage of arriving display data
0[2]
RAM row 0
RAM rows 0 and 1
1
RAM row 2
RAM rows 2 and 3
0O
output bank selection; retrieval of LCD display data
0[2]
RAM row 0
RAM rows 0 and 1
1
RAM row 2
RAM rows 2 and 3
Table 16.
Blink-select command bit description
See Section 7.11.
Bit
Symbol
Value
Description
7C
0, 1see Table 11
6 to 3
-
1110
fixed value
2AB
blink mode selection
0[2]
normal blinking[1]
1
alternate RAM bank blinking[3]
1 to 0
BF[1:0]
blink frequency selection
00[2]
off
01
1
10
2
11
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com