Electronic Components Datasheet Search
  English  ▼

X  

PCF8576DU/DA/2 Datasheet(PDF) 25 Page - NXP Semiconductors

Part # PCF8576DU/DA/2
Description  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/DA/2 Datasheet(HTML) 25 Page - NXP Semiconductors

Back Button PCF8576DU/DA/2 Datasheet HTML 21Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 22Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 23Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 24Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 25Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 26Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 27Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 28Page - NXP Semiconductors PCF8576DU/DA/2 Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
25 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
[1]
The possibility to disable the display allows implementation of blinking under external control.
[2]
Default value.
[3]
The display is disabled by setting all backplane and segment outputs to VLCD.
[4]
Not applicable for static drive mode.
[1]
Default value.
[1]
Default value.
Table 12.
Mode-set command bit description
Bit
Symbol
Value
Description
7C
0, 1see Table 11
6, 5
-
10
fixed value
4
-
-
unused
3E
display status[1]
0[2]
disabled (blank)[3]
1
enabled
2B
LCD bias configuration[4]
0[2]
1⁄3 bias
1
1⁄2 bias
1 to 0
M[1:0]
LCD drive mode selection
01
static; BP0
10
1:2 multiplex; BP0, BP1
11
1:3 multiplex; BP0, BP1, BP2
00[2]
1:4 multiplex; BP0, BP1, BP2, BP3
Table 13.
Load-data-pointer command bit description
See Section 7.10.1.
Bit
Symbol
Value
Description
7C
0, 1see Table 11
6
-
0
fixed value
5 to 0
P[5:0]
000000[1] to
100111
6 bit binary value, 0 to 39; transferred to the data pointer to
define one of forty display RAM addresses
Table 14.
Device-select command bit description
See Section 7.10.2.
Bit
Symbol
Value
Description
7C
0, 1see Table 11
6 to 3
-
1100
fixed value
2 to 0
A[2:0]
000[1] to 111 3 bit binary value, 0 to 7; transferred to the subaddress
counter to define one of eight hardware subaddresses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com