Electronic Components Datasheet Search
  English  ▼

X  

INA117AM Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # INA117AM
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117AM Datasheet(HTML) 3 Page - Texas Instruments

  INA117AM Datasheet HTML 1Page - Texas Instruments INA117AM Datasheet HTML 2Page - Texas Instruments INA117AM Datasheet HTML 3Page - Texas Instruments INA117AM Datasheet HTML 4Page - Texas Instruments INA117AM Datasheet HTML 5Page - Texas Instruments INA117AM Datasheet HTML 6Page - Texas Instruments INA117AM Datasheet HTML 7Page - Texas Instruments INA117AM Datasheet HTML 8Page - Texas Instruments INA117AM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
INA117
SBOS154A
3
Ref
B
–In
+In
V–
Comp
V+
Output
Ref
A
1
2
3
4
8
7
6
5
8
7
6
2
1
3
4
5
Tab
Comp
Output
V+
V–
Ref A
Ref B
–In
+In
Case internally connected to V–. Make no connection.
PIN CONFIGURATION
Top View
TO-99
INA117AM, BM, SM
Top View
DIP/SO
INA117P, KU
PACKAGE
SPECIFIED
DRAWING
TEMPERATURE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE
NUMBER
RANGE
MARKING
NUMBER(1)
MEDIA
INA117P
DIP-8
006
–40
°C to +85°C
INA117P
INA117P
Rails
INA117KU
SO-8 Surface-Mount
182
"
INA117KU
INA117KU
Rails
"
"
"
"
"
INA117KU/2K5
Tape and Reel
INA117AM
TO-99 Metal
001
–25
°C to +85°C
INA117AM
INA117AM
Rails
INA117BM
"
"
"
INA117BM
INA117BM
Rails
INA117SM
"
"
–55
°C to +125°C
INA117SM
INA117SM
Rails
NOTE: (1) Models with a slash (/) are available only in Tape and Reel in the quantities indicated (e.g., /2K5 indicates 2500 devices per reel). Ordering 2500
pieces of “INA117KU/2K5” will get a single 2500-piece Tape and Reel.
PACKAGE/ORDERING INFORMATION
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Texas Instru-
ments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
ABSOLUTE MAXIMUM RATINGS
Supply Voltage ..................................................................................
±22V
Input Voltage Range, Continuous ...................................................
±200V
Common-Mode and Differential, 10s ...........................................
±500V
Operating Temperature
M Metal TO-99 ................................................................ –55 to +125
°C
P Plastic DIP and U SO-8 ................................................ –40 to +85
°C
Storage Temperature
M Package ....................................................................... –65 to +150
°C
P Plastic DIP and U SO-8 .............................................. –55 to +125
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
Output Short Circuit to Common ............................................. Continuous



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com