Electronic Components Datasheet Search
  English  ▼

X  

INA117AM Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # INA117AM
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117AM Datasheet(HTML) 14 Page - Texas Instruments

Back Button INA117AM Datasheet HTML 9Page - Texas Instruments INA117AM Datasheet HTML 10Page - Texas Instruments INA117AM Datasheet HTML 11Page - Texas Instruments INA117AM Datasheet HTML 12Page - Texas Instruments INA117AM Datasheet HTML 13Page - Texas Instruments INA117AM Datasheet HTML 14Page - Texas Instruments INA117AM Datasheet HTML 15Page - Texas Instruments INA117AM Datasheet HTML 16Page - Texas Instruments INA117AM Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
INA117
SBOS154A
14
FIGURE 15. Measuring Amplifier Load Current.
380k
Ω
380k
Ω
380k
Ω
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
2
3
81
5
6
INA117
74
–15V
+15V
I
1
21.1k
Ω
20k
Ω
2
3
81
5
6
INA117
74
–15V
+15V
Load
I
LOAD = I1 – I2
V
S (–200V max)
74
–15V
+15V
INA106
3
2
1
5
6
10k
Ω
10k
Ω
100k
Ω
100k
Ω
–0.1 (I
2)
V
IN
V
O
V
O = I1 – I2
= I
LOAD
–0.1 (I
1)
V
S (200V max)
A
1
R
1
0.1
Ω
I
2
R
2
0.1
Ω
R
1
380k
Ω
R
3
380k
Ω
R
5
21.1k
Ω
R
4
20k
Ω
R
2
380k
Ω
2
3
81
5
6
V
3
V
2
INA117
OPA602
R
1
1M
Ω
V
OUT = V3 – V2
Refer to Application
Bulletin AB-008 for
details.
C
1
0.47µF
FIGURE 16. AC-Coupled INA117.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com