Electronic Components Datasheet Search
  English  ▼

X  

INA117AM Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # INA117AM
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117AM Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA117AM Datasheet HTML 8Page - Texas Instruments INA117AM Datasheet HTML 9Page - Texas Instruments INA117AM Datasheet HTML 10Page - Texas Instruments INA117AM Datasheet HTML 11Page - Texas Instruments INA117AM Datasheet HTML 12Page - Texas Instruments INA117AM Datasheet HTML 13Page - Texas Instruments INA117AM Datasheet HTML 14Page - Texas Instruments INA117AM Datasheet HTML 15Page - Texas Instruments INA117AM Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
INA117
SBOS154A
12
FIGURE 13. Offsetting or Boosting Common-Mode Voltage Range for Reduced Power-Supply Voltage Operation.
2
3
81
5
6
V
3
V
2
INA117
4
INA105
4
2
7
7
5
6
1
V
O = V3 – V2
+9V
–9V
3
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
25k
Ω
25k
Ω
25k
Ω
25k
Ω
V
CM Range =
+50V to +200V
(V
S ±9V)
(a)
2
3
81
5
6
V
3
V
2
INA117
4
INA105
25k
Ω
25k
Ω
25k
Ω
10k
Ω
21.1k
Ω
380k
Ω
380k
Ω
380k
Ω
20k
Ω
25k
Ω
4
2
7
7
5
6
1
V = V – V
O
3
2
+9V
–9V
(V–) +3.3V
1N4684
3.3V
3
V
CM Range =
–12V to +200V
(V
S = ±9V)
(b)
380k
Ω
380k
Ω
20k
Ω
380k
Ω
21.1k
Ω
R
7
1M
Ω
R
8
1M
Ω
2
3
81
5
6
V
3
V
2
INA117
INA105
25k
Ω
25k
Ω
25k
Ω
25k
Ω
2
5
6
1
V
O = V3 – V2
13.7k
Ω
(V = ±9V)
S
OPA602
3
V
CM Range = ±200V
(V
S = ±9V)
(c)
–3V > V
O > –6V swap A2 pins
2 and 3 for +4V > V
O > 3V.
0V > V
O > –6V swap A2 pins
2 and 3 for +4V > V
O > 0V.
Refer to Application Bulletin AB-015 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com