Electronic Components Datasheet Search
  English  ▼

X  

INA117AM Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # INA117AM
Description  High Common-Mode Voltage DIFFERENCE AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA117AM Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA117AM Datasheet HTML 6Page - Texas Instruments INA117AM Datasheet HTML 7Page - Texas Instruments INA117AM Datasheet HTML 8Page - Texas Instruments INA117AM Datasheet HTML 9Page - Texas Instruments INA117AM Datasheet HTML 10Page - Texas Instruments INA117AM Datasheet HTML 11Page - Texas Instruments INA117AM Datasheet HTML 12Page - Texas Instruments INA117AM Datasheet HTML 13Page - Texas Instruments INA117AM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
INA117
SBOS154A
10
Figure 8 shows very high input impedance buffer used to
measure low leakage currents. Here, the buffer op amp is
powered with an isolated, split-voltage power supply. Using
an isolated power supply allows full
±200V common-mode
input range.
NOISE PERFORMANCE
The noise performance of the INA117 is dominated by the
internal resistor network. The thermal or Johnson noise of
these resistors produces approximately 550nV/
√Hz noise.
The internal op amp contributes virtually no excess noise at
frequencies above 100Hz.
Many applications may be satisfied with less than the full
200kHz bandwidth of the INA117. In these cases, the noise
can be reduced with a low-pass filter on the output. The two-
pole filter shown in Figure 9 limits bandwidth to 1kHz and
reduces noise by more than 15:1. Since the INA117 has a
1/f noise corner frequency of approximately 100Hz, a cutoff
frequency below 100Hz will not further reduce noise.
380k
Ω
380k
Ω
380k
Ω
21.1k
Ω
20k
Ω
2
3
81
5
e
O = IL
x 109
6
OPA111
INA117
D
1,2*
1k
Ω
100k
Ω
9k
Ω
Device
Under
Test
100M
Ω
±200V max
I
L
(1V/nA)
+15V
+15V
Com
–15V
PWS725
Isolated DC/DC Converter
*D
1 and D2 are each a 2N3904 transistor
base-collector junction (emitter open).
FIGURE 9. Output Filter for Noise Reduction.
BUTTERWORTH
LOW-PASS
OUTPUT NOISE
f–3dB
(mVp-p)
R1
R2
C1
C2
200kHz
1.8
No Filter
100kHz
1.1
11k
Ω
11.3k
Ω
100pF
200pF
10kHz
0.35
11k
Ω
11.3k
Ω
1nF
2nF
1kHz
0.11
11k
Ω
11.3k
Ω
10nF
20nF
≤100Hz(1)
0.05
11k
Ω
11.3k
Ω
0.1
µF
0.2
µF
NOTE: (1) Since the INA117 has a 1/f noise corner frequency of approximately 100Hz,
bandwidth reduction below this frequency will not significantly reduce noise.
380k
Ω
380k
Ω
380k
Ω
20k
Ω
21.1k
Ω
47
2
3
81
5
V
O = V2 – V3
6
V–
V+
V
3
V
2
R
2
11.3k
Ω
C
2
0.02µF
OPA27
2-Pole Butterworth
Low-Pass Filter
C
1
0.01µF
R
1
11.0k
Ω
See Application Bulletin AB-017 for other filters.
FIGURE 8. Leakage Current Measurement Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com