Electronic Components Datasheet Search
  English  ▼

X  

AT90USB647 Datasheet(PDF) 78 Page - ATMEL Corporation

Part # AT90USB647
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 Datasheet(HTML) 78 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 74Page - ATMEL Corporation AT90USB647 Datasheet HTML 75Page - ATMEL Corporation AT90USB647 Datasheet HTML 76Page - ATMEL Corporation AT90USB647 Datasheet HTML 77Page - ATMEL Corporation AT90USB647 Datasheet HTML 78Page - ATMEL Corporation AT90USB647 Datasheet HTML 79Page - ATMEL Corporation AT90USB647 Datasheet HTML 80Page - ATMEL Corporation AT90USB647 Datasheet HTML 81Page - ATMEL Corporation AT90USB647 Datasheet HTML 82Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 456 page
background image
78
7593L–AVR–09/12
AT90USB64/128
11.3.1
MCUCR – MCU Control Register
• Bit 4 – PUD: Pull-up Disable
When this bit is written to one, the pull-ups in the I/O ports are disabled even if the DDxn and
PORTxn Registers are configured to enable the pull-ups ({DDxn, PORTxn} = 0b01). See “Con-
figuring the pin” on page 72 for more details about this feature.
11.3.2
Alternate functions of Port A
The Port A has an alternate function as the address low byte and data lines for the External
Memory Interface.
Table 11-4 and Table 11-5 on page 79 relates the alternate functions of Port A to the overriding
signals shown in Figure 11-5 on page 76.
Bit
7
6
5
4
3
2
1
0
JTD
–
–PUD
–
–
IVSEL
IVCE
MCUCR
Read/write
R/W
R
R
R/W
R
R
R/W
R/W
Initial value
0
0
0
0
0
0
0
0
Table 11-3.
Port A pins alternate functions.
Port pin
Alternate function
PA7
AD7 (External memory interface address and data bit 7)
PA6
AD6 (External memory interface address and data bit 6)
PA5
AD5 (External memory interface address and data bit 5)
PA4
AD4 (External memory interface address and data bit 4)
PA3
AD3 (External memory interface address and data bit 3)
PA2
AD2 (External memory interface address and data bit 2)
PA1
AD1 (External memory interface address and data bit 1)
PA0
AD0 (External memory interface address and data bit 0)
Table 11-4.
Overriding signals for alternate functions in PA7..PA4.
Signal
name
PA7/AD7
PA6/AD6
PA5/AD5
PA4/AD4
PUOE
SRE
SRE
SRE
SRE
PUOV
~(WR | ADA (1)) •
PORTA7 • PUD
~(WR | ADA) •
PORTA6 • PUD
~(WR | ADA) •
PORTA5 • PUD
~(WR | ADA) •
PORTA4 • PUD
DDOE
SRE
SRE
SRE
SRE
DDOV
WR | ADA
WR | ADA
WR | ADA
WR | ADA
PVOE
SRE
SRE
SRE
SRE
PVOV
A7 • ADA | D7
OUTPUT • WR
A6 • ADA | D6
OUTPUT • WR
A5 • ADA | D5
OUTPUT • WR
A4 • ADA | D4
OUTPUT • WR
DIEOE
0
0
0
0
DIEOV
0
0
0
0
DI
D7 INPUTD6 INPUTD5 INPUTD4 INPUT
AIO
–
–
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com