Electronic Components Datasheet Search
  English  ▼

X  

AT90USB647 Datasheet(PDF) 44 Page - ATMEL Corporation

Part # AT90USB647
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 Datasheet(HTML) 44 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 40Page - ATMEL Corporation AT90USB647 Datasheet HTML 41Page - ATMEL Corporation AT90USB647 Datasheet HTML 42Page - ATMEL Corporation AT90USB647 Datasheet HTML 43Page - ATMEL Corporation AT90USB647 Datasheet HTML 44Page - ATMEL Corporation AT90USB647 Datasheet HTML 45Page - ATMEL Corporation AT90USB647 Datasheet HTML 46Page - ATMEL Corporation AT90USB647 Datasheet HTML 47Page - ATMEL Corporation AT90USB647 Datasheet HTML 48Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 456 page
background image
44
7593L–AVR–09/12
AT90USB64/128
Notes:
1. These options should only be used when not operating close to the maximum frequency of the
device, and only if frequency stability at start-up is not important for the application. These
options are not suitable for crystals.
2. These options are intended for use with ceramic resonators and will ensure frequency stability
at start-up. They can also be used with crystals when not operating close to the maximum fre-
quency of the device, and if frequency stability at start-up is not important for the application.
Note:
1.
The device is shipped with this option selected.
7.4
Low frequency crystal oscillator
The device can utilize a 32.768kHz watch crystal as clock source by a dedicated low frequency
crystal oscillator. The crystal should be connected as shown in Figure 7-2 on page 43. When this
Oscillator is selected, start-up times are determined by the SUT Fuses and CKSEL0 as shown in
Table 7-6.
Crystal Oscillator, BOD
enabled
16KCK
14CK
1
01
Crystal Oscillator, fast
rising power
16KCK
14CK + 4.1ms
1
10
Crystal Oscillator, slowly
rising power
16KCK
14CK + 65ms
1
11
Table 7-5.
Start-up times for the internal calibrated RC oscillator clock selection.
Power conditions
Start-up time from power-
down and power-save
Additional delay from
reset (V
CC = 5.0V)
SUT1..0
BOD enabled
6CK
14CK
00
Fast rising power
6CK
14CK + 4.1ms
01
Slowly rising power
6CK
14CK + 65ms (1)
10
Reserved
11
Table 7-4.
Start-up times for the low power crystal oscillator clock selection. (Continued)
Oscillator source /
power conditions
Start-up time from
power-down and
power-save
Additional delay
from reset
(V
CC = 5.0V)
CKSEL0
SUT1..0
Table 7-6.
Start-up times for the low frequency crystal oscillator clock selection.
Power conditions
Start-up time from
power-down and
power-save
Additional delay
from reset
(V
CC = 5.0V)
CKSEL0
SUT1..0
BOD enabled
1KCK
14CK (1)
000
Fast rising power
1KCK
14CK + 4.1ms (1)
001
Slowly rising power
1KCK
14CK + 65ms (1)
010
Reserved
0
11
BOD enabled
32KCK
14CK
1
00
Fast rising power
32KCK
14CK + 4.1ms
1
01
Slowly rising power
32KCK
14CK + 65ms
1
10
Reserved
1
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com