Electronic Components Datasheet Search
  English  ▼

X  

AT90USB647 Datasheet(PDF) 36 Page - ATMEL Corporation

Part # AT90USB647
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 32Page - ATMEL Corporation AT90USB647 Datasheet HTML 33Page - ATMEL Corporation AT90USB647 Datasheet HTML 34Page - ATMEL Corporation AT90USB647 Datasheet HTML 35Page - ATMEL Corporation AT90USB647 Datasheet HTML 36Page - ATMEL Corporation AT90USB647 Datasheet HTML 37Page - ATMEL Corporation AT90USB647 Datasheet HTML 38Page - ATMEL Corporation AT90USB647 Datasheet HTML 39Page - ATMEL Corporation AT90USB647 Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 456 page
background image
36
7593L–AVR–09/12
AT90USB64/128
• Bit 3..2 – SRW11, SRW10: Wait-state Select bits for upper sector
The SRW11 and SRW10 bits control the number of wait-states for the upper sector of the exter-
nal memory address space, see Table 6-5.
• Bit 1..0 – SRW01, SRW00: Wait-state Select bits for lower sector
The SRW01 and SRW00 bits control the number of wait-states for the lower sector of the exter-
nal memory address space, see Table 6-5.
Note:
1. n = 0 or 1 (lower/upper sector).
For further details of the timing and wait-states of the External Memory Interface, see Figures
6-6 through Figures 6-9 on page 33 to page 35 for how the setting of the SRW bits affects the
timing.
6.5.7
XMCRB – External Memory Control Register B
• Bit 7– XMBK: External Memory Bus-keeper Enable
Writing XMBK to one enables the bus keeper on the AD7:0 lines. When the bus keeper is
enabled, AD7:0 will keep the last driven value on the lines even if the XMEM interface has tri-
Table 6-4.
Sector limits with different settings of SRL2..0.
SRL2
SRL1
SRL0
Sector limits
00
x
Lower sector = N/A
Upper sector = 0x2100 - 0xFFFF
01
0
Lower sector = 0x2100 - 0x3FFF
Upper sector = 0x4000 - 0xFFFF
01
1
Lower sector = 0x2100 - 0x5FFF
Upper sector = 0x6000 - 0xFFFF
10
0
Lower sector = 0x2100 - 0x7FFF
Upper sector = 0x8000 - 0xFFFF
10
1
Lower sector = 0x2100 - 0x9FFF
Upper sector = 0xA000 - 0xFFFF
11
0
Lower sector = 0x2100 - 0xBFFF
Upper sector = 0xC000 - 0xFFFF
11
1
Lower sector = 0x2100 - 0xDFFF
Upper sector = 0xE000 - 0xFFFF
Table 6-5.
Wait states
(1).
SRWn1
SRWn0
Wait states
00
No wait-states
0
1
Wait one cycle during read/write strobe
10
Wait two cycles during read/write strobe
11
Wait two cycles during read/write and wait one cycle before driving out
new address
Bit
7654
3
210
XMBK
–
–
–
–
XMM2
XMM1
XMM0
XMCRB
Read/write
R/W
R
R
R
R
R/W
R/W
R/W
Initial value
0000
0
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com