Electronic Components Datasheet Search
  English  ▼

X  

AT90USB647 Datasheet(PDF) 31 Page - ATMEL Corporation

Part # AT90USB647
Description  8-bit Atmel Microcontroller with 64/128Kbytes of ISP Flash and USB Controller
PDF  456 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90USB647 Datasheet(HTML) 31 Page - ATMEL Corporation

Back Button AT90USB647 Datasheet HTML 27Page - ATMEL Corporation AT90USB647 Datasheet HTML 28Page - ATMEL Corporation AT90USB647 Datasheet HTML 29Page - ATMEL Corporation AT90USB647 Datasheet HTML 30Page - ATMEL Corporation AT90USB647 Datasheet HTML 31Page - ATMEL Corporation AT90USB647 Datasheet HTML 32Page - ATMEL Corporation AT90USB647 Datasheet HTML 33Page - ATMEL Corporation AT90USB647 Datasheet HTML 34Page - ATMEL Corporation AT90USB647 Datasheet HTML 35Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 456 page
background image
31
7593L–AVR–09/12
AT90USB64/128
6.5
External memory interface
With all the features the External Memory Interface provides, it is well suited to operate as an
interface to memory devices such as External SRAM and Flash, and peripherals such as LCD-
display, A/D, and D/A. The main features are:
• Four different wait-state settings (including no wait-state)
• Independent wait-state setting for different external Memory sectors (configurable sector size)
• The number of bits dedicated to address high byte is selectable
• Bus keepers on data lines to minimize current consumption (optional)
6.5.1
Overview
When the eXternal MEMory (XMEM) is enabled, address space outside the internal SRAM
becomes available using the dedicated External Memory pins (see Figure 2-1 on page 6, Table
11-3 on page 78, and Table 11-9 on page 82). The memory configuration is shown in Figure 6-4.
Figure 6-4.
External memory with sector select.
6.5.2
Using the external memory interface
The interface consists of:
• AD7:0: Multiplexed low-order address bus and data bus
• A15:8: High-order address bus (configurable number of bits)
• ALE: Address latch enable
•RD: Read strobe
•WR: Write strobe
The control bits for the External Memory Interface are located in two registers, the External
Memory Control Register A – XMCRA, and the External Memory Control Register B – XMCRB.
Memory configuration A
0x0000
External memory
(0-60K x 8)
0xFFFF
Internal memory
SRL[2..0]
SRW11
SRW10
SRW01
SRW00
Lower sector
Upper sector
ISRAM end
XMem start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com