Electronic Components Datasheet Search
  English  ▼

X  

5CSEA2 Datasheet(PDF) 49 Page - Altera Corporation

Part # 5CSEA2
Description  Cyclone V Device Handbook
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSEA2 Datasheet(HTML) 49 Page - Altera Corporation

Back Button 5CSEA2 Datasheet HTML 45Page - Altera Corporation 5CSEA2 Datasheet HTML 46Page - Altera Corporation 5CSEA2 Datasheet HTML 47Page - Altera Corporation 5CSEA2 Datasheet HTML 48Page - Altera Corporation 5CSEA2 Datasheet HTML 49Page - Altera Corporation 5CSEA2 Datasheet HTML 50Page - Altera Corporation 5CSEA2 Datasheet HTML 51Page - Altera Corporation 5CSEA2 Datasheet HTML 52Page - Altera Corporation 5CSEA2 Datasheet HTML 53Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 74 page
background image
Chapter 2: Device Datasheet for Cyclone V Devices
2–19
Switching Characteristics
February 2012
Altera Corporation
Cyclone V Device Handbook
Volume 1: Device Overview and Datasheet
tDLOCK
Time required to lock dynamically (after switchover or
reconfiguring any non-post-scale counters/delays)
——
1
ms
fCLBW
PLL closed-loop low bandwidth
—
0.3
—
MHz
PLL closed-loop medium bandwidth
—
1.5
—
MHz
PLL closed-loop high bandwidth (8)
—4
—
MHz
tPLL_PSERR
Accuracy of PLL phase shift
—
—
±50
ps
tARESET
Minimum pulse width on the areset signal
10
—
—
ns
tINCCJ (4), (5)
Input clock cycle-to-cycle jitter (FREF ≥ 100 MHz)
—
—
0.15
UI (p-p)
Input clock cycle-to-cycle jitter (FREF < 100 MHz)
—
—
±750
ps (p-p)
tOUTPJ_DC (6)
Period jitter for dedicated clock output (FOUT ≥ 100 MHz)
—
—
TBD (1)
ps (p-p)
Period jitter for dedicated clock output (FOUT < 100 MHz)
—
—
TBD (1)
mUI (p-p)
tOUTCCJ_DC (6)
Cycle-to-cycle jitter for dedicated clock output
(FOUT ≥ 100 MHz)
——
TBD (1)
ps (p-p)
Cycle-to-cycle jitter for dedicated clock output
(FOUT < 100 MHz)
——
TBD (1)
mUI (p-p)
tOUTPJ_IO (6), (9)
Period jitter for clock output on regular I/O
(FOUT ≥ 100 MHz)
——
TBD (1)
ps (p-p)
Period jitter for clock output on regular I/O
(FOUT < 100 MHz)
——
TBD (1)
mUI (p-p)
tOUTCCJ_IO (6), (9)
Cycle-to-cycle jitter for clock output on regular I/O
(FOUT ≥ 100 MHz)
——
TBD (1)
ps (p-p)
Cycle-to-cycle jitter for clock output on regular I/O
(FOUT < 100 MHz)
——
TBD (1)
mUI (p-p)
tOUTPJ_DC_F
Period jitter for dedicated clock output in fractional mode
—
—
TBD (1)
—
tOUTCCJ_DC_F
Cycle-to-cycle jitter for dedicated clock output in fractional
mode
—
—
TBD (1)
—
tOUTPJ_IO_F
Period jitter for clock output on regular I/O in fractional
mode
—
—
TBD (1)
—
tOUTCCJ_IO_F
Cycle-to-cycle jitter for clock output on regular I/O in
fractional mode
—
—
TBD (1)
—
tCASC_OUTPJ_DC
(6), (7)
Period jitter for dedicated clock output in cascaded PLLs
(FOUT ≥ 100 MHz)
——
TBD (1)
ps (p-p)
Period jitter for dedicated clock output in cascaded PLLs
(FOUT < 100 MHz)
——
TBD (1)
mUI (p-p)
Table 2–23. PLL Specifications for Cyclone V Devices—Preliminary (1) (Part 2 of 3)
Symbol
Parameter
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com