Electronic Components Datasheet Search
  English  ▼

X  

5CSEA2 Datasheet(PDF) 32 Page - Altera Corporation

Part # 5CSEA2
Description  Cyclone V Device Handbook
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSEA2 Datasheet(HTML) 32 Page - Altera Corporation

Back Button 5CSEA2 Datasheet HTML 28Page - Altera Corporation 5CSEA2 Datasheet HTML 29Page - Altera Corporation 5CSEA2 Datasheet HTML 30Page - Altera Corporation 5CSEA2 Datasheet HTML 31Page - Altera Corporation 5CSEA2 Datasheet HTML 32Page - Altera Corporation 5CSEA2 Datasheet HTML 33Page - Altera Corporation 5CSEA2 Datasheet HTML 34Page - Altera Corporation 5CSEA2 Datasheet HTML 35Page - Altera Corporation 5CSEA2 Datasheet HTML 36Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
2–2
Chapter 2: Device Datasheet for Cyclone V Devices
Electrical Characteristics
Cyclone V Device Handbook
February 2012
Altera Corporation
Volume 1: Device Overview and Datasheet
Table 2–1 lists the Cyclone V absolute maximum ratings.
Maximum Allowed Overshoot and Undershoot Voltage
During transitions, input signals may overshoot to the voltage listed in Table 2–2 and
undershoot to -2.0 V for input currents less than 100 mA and periods shorter than
20 ns.
Table 2–2 lists the maximum allowed input overshoot voltage and the duration of the
overshoot voltage as a percentage of device lifetime. The maximum allowed
overshoot duration is specified as a percentage of high time over the lifetime of the
device. A DC signal is equivalent to 100% duty cycle. For example, a signal that
overshoots to 3.95 V can only be at 3.95 V for ~5% over the lifetime of the device; for a
device lifetime of 10 years, this amounts to half a year.
Table 2–1. Absolute Maximum Ratings for Cyclone V Devices—Preliminary
Symbol
Description
Minimum
Maximum
Unit
VCC
Core voltage and periphery circuitry power supply
–0.5
1.35
V
VCCPGM
Configuration pins power supply
–0.5
3.75
V
VCC_AUX
Auxiliary supply
–0.5
3.75
V
VCCBAT
Battery back-up power supply for design security volatile key register
–0.5
3.75
V
VCCPD
I/O pre-driver power supply
–0.5
3.75
V
VCCIO
I/O power supply
–0.5
3.9
V
VCCA_FPLL
PLL analog power supply
–0.5
3.75
V
VCCH_GXB
Transceiver high voltage power
–0.5
3.75
V
VCCE_GXB
Transceiver power
–0.5
1.21
V
VCCL_GXB
Clock network power
–0.5
1.21
V
VI
DC input voltage
–0.5
4
V
IOUT
DC output current per pin
–25
40
mA
TJ
Operating junction temperature
–55
125
°C
TSTG
Storage temperature (No bias)
–65
150
°C
Table 2–2. Maximum Allowed Overshoot During Transitions for Cyclone V Devices—Preliminary
Symbol
Description
Condition (V)
Overshoot Duration as % of High Time
Unit
Vi (AC)
AC input voltage
3.7
100
%
3.75
59.79
%
3.8
33.08
%
3.85
18.45
%
3.9
10.36
%
3.95
5.87
%
43.34
%
4.05
1.92
%
4.1
1.11
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com