Electronic Components Datasheet Search
  English  ▼

X  

5CSEA2 Datasheet(PDF) 39 Page - Altera Corporation

Part # 5CSEA2
Description  Cyclone V Device Handbook
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSEA2 Datasheet(HTML) 39 Page - Altera Corporation

Back Button 5CSEA2 Datasheet HTML 35Page - Altera Corporation 5CSEA2 Datasheet HTML 36Page - Altera Corporation 5CSEA2 Datasheet HTML 37Page - Altera Corporation 5CSEA2 Datasheet HTML 38Page - Altera Corporation 5CSEA2 Datasheet HTML 39Page - Altera Corporation 5CSEA2 Datasheet HTML 40Page - Altera Corporation 5CSEA2 Datasheet HTML 41Page - Altera Corporation 5CSEA2 Datasheet HTML 42Page - Altera Corporation 5CSEA2 Datasheet HTML 43Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 74 page
background image
Chapter 2: Device Datasheet for Cyclone V Devices
2–9
Electrical Characteristics
February 2012
Altera Corporation
Cyclone V Device Handbook
Volume 1: Device Overview and Datasheet
Table 2–10 lists the OCT variation after the power-up calibration.
Pin Capacitance
Table 2–11 lists the Cyclone V device family pin capacitance.
Hot Socketing
Table 2–12 lists the hot socketing specifications for Cyclone V devices.
Table 2–10. OCT Variation after Power-Up Calibration for Cyclone V Devices—Preliminary (1)
Symbol
Description
VCCIO (V)
Typical
Unit
dR/dV
OCT variation with voltage without
recalibration
3.0
0.0297
%/mV
2.5
0.0344
1.8
0.0499
1.5
0.0744
1.2
0.1241
dR/dT
OCT variation with temperature
without recalibration
3.0
0.189
%/°C
2.5
0.208
1.8
0.266
1.5
0.273
1.2
0.317
Note to Table 2–10:
(1) Valid for a VCCIO range of ±5% and a temperature range of 0° to 85°C.
Table 2–11. Pin Capacitance for Cyclone V Devices
Symbol
Description
Value
Unit
CIOTB
Input capacitance on top and bottom I/O pins
5.5
pF
CIOLR
Input capacitance on left and right I/O pins
5.5
pF
COUTFB
Input capacitance on dual-purpose clock output and feedback pins
5.5
pF
Table 2–12. Hot Socketing Specifications for Cyclone V Devices—Preliminary
Symbol
Description
Maximum
IIOPIN (DC)
DC current per I/O pin
300
μA
IIOPIN (AC)
AC current per I/O pin
8 mA (1)
I
XCVR-TX (DC)
DC current per transceiver transmitter (TX) pin
100 mA
I
XCVR-RX (DC)
DC current per transceiver receiver (RX) pin
50 mA
Note to Table 2–12:
(1) The I/O ramp rate is 10 ns or more. For ramp rates faster than 10 ns, |IIOPIN| = C dv/dt, in which C is the I/O pin
capacitance and dv/dt is the slew rate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com