Electronic Components Datasheet Search
  English  ▼

X  

5CSEA2 Datasheet(PDF) 45 Page - Altera Corporation

Part # 5CSEA2
Description  Cyclone V Device Handbook
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSEA2 Datasheet(HTML) 45 Page - Altera Corporation

Back Button 5CSEA2 Datasheet HTML 41Page - Altera Corporation 5CSEA2 Datasheet HTML 42Page - Altera Corporation 5CSEA2 Datasheet HTML 43Page - Altera Corporation 5CSEA2 Datasheet HTML 44Page - Altera Corporation 5CSEA2 Datasheet HTML 45Page - Altera Corporation 5CSEA2 Datasheet HTML 46Page - Altera Corporation 5CSEA2 Datasheet HTML 47Page - Altera Corporation 5CSEA2 Datasheet HTML 48Page - Altera Corporation 5CSEA2 Datasheet HTML 49Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 74 page
background image
Chapter 2: Device Datasheet for Cyclone V Devices
2–15
Switching Characteristics
February 2012
Altera Corporation
Cyclone V Device Handbook
Volume 1: Device Overview and Datasheet
Transceiver Clocks
fixedclk
clock
frequency
PCIe
Receiver Detect
—
125
—
—
125
—
—
125
—
MHz
Avalon® Memory-
Mapped (Avalon-MM)
PHY management clock
frequency
< 150
MHz
Receiver
Supported I/O
Standards
1.5 V PCML, 2.5 V PCML, LVPECL, and LVDS
Data rate
—
614
—
3125
614
—
3125
614
—
2500
Mbps
Absolute VMAX for a
receiver pin (3)
—
—
—
1.2
—
—
1.2
—
—
1.2
V
Absolute VMIN for a
receiver pin
—
–0.4
—
—
–0.4
—
—
–0.4
—
—
V
Maximum peak-to-peak
differential input voltage
VID (diff p-p) before
device configuration
—
—
—
1.6
—
—
1.6
—
—
1.6
V
Maximum peak-to-peak
differential input voltage
VID (diff p-p) after
device configuration
—
—
—
2.2
—
—
2.2
—
—
2.2
V
Minimum differential
eye opening at the
receiver serial input
pins (4)
—85
—
—
85
—
—
85
—
—
mV
Differential on-chip
termination resistors
85
−Ω setting
—
85
—
—
85
—
—
85
—
Ω
100
−Ω setting
—
100
—
—
100
—
—
100
—
Ω
120
−Ω setting
—
120
—
—
120
—
—
120
—
Ω
150-
Ω setting
—
150
—
—
150
—
—
150
—
Ω
Differential and
common mode return
loss
PCIe Gen1,
GIGE
Compliant
—
Programmable PPM
detector (5)
—
±62.5, 100, 125, 200, 250, 300, 500, and 1000
ppm
Run Length
—
—
—
200
—
—
200
—
—
200
UI
Programmable
equalization
——
—
4
—
—
4
—
—
4
dB
Programmable DC gain
DC Gain Setting
= 0
—0
—
—
0
—
—
0
—
dB
DC Gain Setting
= 1
—3
—
—
3
—
—
3
—
dB
Table 2–20. Transceiver Specifications for Cyclone V GX Devices—Preliminary (Part 2 of 3)
Symbol/
Description
Conditions
C6
Speed Grade
C7, I7
Speed Grade
C8, A7
Speed Grade
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com