Electronic Components Datasheet Search
  English  ▼

X  

LT1395 Datasheet(PDF) 15 Page - Linear Technology

Part # LT1395
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1395 Datasheet(HTML) 15 Page - Linear Technology

Back Button LT1395 Datasheet HTML 11Page - Linear Technology LT1395 Datasheet HTML 12Page - Linear Technology LT1395 Datasheet HTML 13Page - Linear Technology LT1395 Datasheet HTML 14Page - Linear Technology LT1395 Datasheet HTML 15Page - Linear Technology LT1395 Datasheet HTML 16Page - Linear Technology LT1395 Datasheet HTML 17Page - Linear Technology LT1395 Datasheet HTML 18Page - Linear Technology LT1395 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
LT1806/LT1807
15
18067fc
TYPICAL PERFORMANCE CHARACTERISTICS
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
100
1000
18067 G31
50
5
15
25
35
45
VS = 5V, 0V
AV = 1
ROS = 10Ω
ROS = 20Ω
ROS = RL = 50Ω
CAPACITIVE LOAD (pF)
10
0
10
20
30
40
100
1000
18067 G32
50
5
15
25
35
45
VS = 5V, 0V
AV = 2
ROS = 10Ω
ROS = 20Ω
ROS = RL = 50Ω
20ns/DIV
OUTPUT
SETTLING
RESOLUTION
(2mV/DIV)
INPUT SIGNAL
GENERATION
(2V/DIV)
18067 G33
VS = 5V
VOUT = 4V
RL = 500Ω
tS = 120ns (SETTLING TIME)
Series Output Resistor
vs Capacitive Load
Series Output Resistor
vs Capacitive Load
0.01% Settling Time
FREQUENCY (MHz)
0.3
–70
–60
–50
–40
110
30
18067 G34
–80
–90
–100
–110
AV = 1
VOUT = 2VP-P
VS = 5V
RL = 100Ω, 2ND
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
FREQUENCY (MHz)
0.3
–70
–60
–50
–40
110
30
18067 G35
–80
–90
–100
–110
AV = 1
VOUT = 2VP-P
VS = 5V, 0V
RL = 100Ω, 2ND
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
FREQUENCY (MHz)
0.3
–70
–60
–50
–40
110
30
18067 G36
–80
–90
–100
–120
–110
AV = 2
VOUT = 2VP-P
VS = 5V
RL = 100Ω, 2ND
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
Distortion vs Frequency
Distortion vs Frequency
Distortion vs Frequency
FREQUENCY (MHz)
0.3
–70
–60
–50
–40
110
30
18067 G37
–80
–90
–100
–120
–110
AV = 2
VOUT = 2VP-P
VS = 5V, 0V
RL = 100Ω, 2ND
RL = 100Ω, 3RD
RL = 1k, 3RD
RL = 1k, 2ND
FREQUENCY (MHz)
0.1
4.3
4.4
4.5
4.6
1
10
100
18067 G38
4.2
4.1
4.0
3.9
VS = 5V, 0V
AV = –1
AV = 2
Distortion vs Frequency
Maximum Undistorted Output
Signal vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com