Electronic Components Datasheet Search
  English  ▼

X  

LT1395 Datasheet(PDF) 5 Page - Linear Technology

Part # LT1395
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1395 Datasheet(HTML) 5 Page - Linear Technology

  LT1395 Datasheet HTML 1Page - Linear Technology LT1395 Datasheet HTML 2Page - Linear Technology LT1395 Datasheet HTML 3Page - Linear Technology LT1395 Datasheet HTML 4Page - Linear Technology LT1395 Datasheet HTML 5Page - Linear Technology LT1395 Datasheet HTML 6Page - Linear Technology LT1395 Datasheet HTML 7Page - Linear Technology LT1395 Datasheet HTML 8Page - Linear Technology LT1395 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LT1806/LT1807
5
18067fc
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the 0°C < T
A < 70°C
temperature range. VS = 5V, 0V; VS = 3V, 0V; VSHDN = open; VCM = VOUT = half supply, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Bias Current Match (Channel-to-Channel)
(Note 10)
VCM = V+ – 0.2V
VCM = V – + 0.4V
l
l
0.03
0.05
1.5
3.5
μA
μA
IOS
Input Offset Current
VCM = V+ – 0.2V
VCM = V – + 0.4V
l
l
0.03
0.05
0.75
1.80
μA
μA
ΔIOS
Input Offset Current Shift
VCM = V – + 0.4V to V+ – 0.2V
l
0.08
2.55
μA
AVOL
Large-Signal Voltage Gain
VS = 5V, VO = 0.5V to 4.5V, RL = 1k to VS/2
VS = 5V, VO = 1V to 4V, RL = 100Ω to VS/2
VS = 3V, VO = 0.5V to 2.5V, RL = 1k to VS/2
l
l
l
60
7.5
45
175
20
140
V/mV
V/mV
V/mV
CMRR
Common Mode Rejection Ratio
VS = 5V, VCM = V – to V+
VS = 3V, VCM = V – to V+
l
l
77
72
94
89
dB
dB
CMRR Match (Channel-to-Channel) (Note 10)
VS = 5V, VCM = V – to V+
VS = 3V, VCM = V – to V+
l
l
71
66
94
89
dB
dB
Input Common Mode Range
l
V –
V+
V
PSRR
Power Supply Rejection Ratio
VS = 2.5V to 10V, VCM = 0V
l
88
105
dB
PSRR Match (Channel-to-Channel) (Note 10)
VS = 2.5V to 10V, VCM = 0V
l
82
105
dB
Minimum Supply Voltage (Note 6)
VCM = VO = 0.5V
l
2.3
2.5
V
VOL
Output Voltage Swing Low (Note 7)
No Load
ISINK = 5mA
ISINK = 25mA
l
l
l
12
60
180
60
140
425
mV
mV
mV
VOH
Output Voltage Swing High (Note 7)
No Load
ISOURCE = 5mA
ISOURCE = 25mA
l
l
l
30
110
360
120
220
700
mV
mV
mV
ISC
Short-Circuit Current
VS = 5V
VS = 3V
l
l
±30
±25
±65
±55
mA
mA
IS
Supply Current per Amplifier
l
10
14
mA
Disable Supply Current
VS = 5V, VSHDN = 0.3V
VS = 3V, VSHDN = 0.3V
l
l
0.40
0.22
1.1
0.9
mA
mA
ISHDN
SHDN Pin Current
VS = 5V, VSHDN = 0.3V
VS = 3V, VSHDN = 0.3V
l
l
160
110
400
350
μA
μA
Shutdown Output Leakage Current
VSHDN = 0.3V
l
1μA
VL
SHDN Pin Input Voltage Low
l
0.3
V
VH
SHDN Pin Input Voltage High
l V+ – 0.5
V
tON
Turn-On Time
VSHDN = 0.3V to 4.5V, RL = 100Ω
l
80
ns
tOFF
Turn-Off Time
VSHDN = 4.5V to 0.3V, RL = 100Ω
l
50
ns
GBW
Gain-Bandwidth Product
Frequency = 6MHz
l
300
MHz
SR
Slew Rate
VS = 5V, AV = –1, RL= 1k, VO = 4V
l
100
V/μs
FPBW
Full-Power Bandwidth
VS = 5V, VO = 4VP-P
l
8
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com