Electronic Components Datasheet Search
  English  ▼

X  

LT1395 Datasheet(PDF) 18 Page - Linear Technology

Part # LT1395
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1395 Datasheet(HTML) 18 Page - Linear Technology

Back Button LT1395 Datasheet HTML 14Page - Linear Technology LT1395 Datasheet HTML 15Page - Linear Technology LT1395 Datasheet HTML 16Page - Linear Technology LT1395 Datasheet HTML 17Page - Linear Technology LT1395 Datasheet HTML 18Page - Linear Technology LT1395 Datasheet HTML 19Page - Linear Technology LT1395 Datasheet HTML 20Page - Linear Technology LT1395 Datasheet HTML 21Page - Linear Technology LT1395 Datasheet HTML 22Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LT1806/LT1807
18
18067fc
or 8-lead MSOP package. All packages have the V – sup-
ply pin fused to the lead frame to enhance the thermal
conductance when connecting to a ground plane or a
large metal trace. Metal trace and plated through-holes
can be used to spread the heat generated by the device
to the backside of the PC board. For example, on a 3/32"
FR-4 board with 2oz copper, a total of 660 square mil-
limeters connects to Pin 4 of LT1807 in an SO-8 package
(330 square millimeters on each side of the PC board) will
bring the thermal resistance,
θJA,toabout85°C/W.Without
extra metal trace beside the power line connecting to the
V – pin to provide a heat sink, the thermal resistance will be
around 105°C/W. More information on thermal resistance
for all packages with various metal areas connecting to
the V – pin is provided in Tables 1, 2 and 3.
Table 1. LT1806 6-Lead SOT-23 Package
COPPER AREA
BOARD AREA
(mm2)
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE (mm2)
270
2500
135°C/W
100
2500
145°C/W
20
2500
160°C/W
0
2500
200°C/W
Device is mounted on topside.
Table 2. LT1806/LT1807 SO-8 Package
COPPER AREA
BOARD AREA
(mm2)
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE
(mm2)
BACKSIDE
(mm2)
1100
1100
2500
65°C/W
330
330
2500
85°C/W
35
35
2500
95°C/W
35
0
2500
100°C/W
0
0
2500
105°C/W
Device is mounted on topside.
APPLICATIONS INFORMATION
Table 3. LT1807 8-Lead MSOP Package
COPPER AREA
BOARD AREA
(mm2)
THERMAL RESISTANCE
(JUNCTION-TO-AMBIENT)
TOPSIDE
(mm2)
BACKSIDE
(mm2)
540
540
2500
110°C/W
100
100
2500
120°C/W
100
0
2500
130°C/W
30
0
2500
135°C/W
0
0
2500
140°C/W
Device is mounted on topside.
Junction temperature TJ is calculated from the ambient
temperature TA and power dissipation PD as follows:
TJ = TA + (PD • θJA)
The power dissipation in the IC is the function of the supply
voltage, output voltage and the load resistance. For a given
supply voltage, the worst-case power dissipation PD(MAX)
occurs at the maximum quiescent supply current and at
the output voltage which is half of either supply voltage
(or the maximum swing if it is less than 1/2 the supply
voltage). PD(MAX) is given by:
PD(MAX) = (VS • IS(MAX)) + (VS/2)2/RL
Example: An LT1807 in SO-8 mounted on a 2500mm2
area of PC board without any extra heat spreading plane
connected to its V – pin has a thermal resistance of
105°C/W,
θJA. Operating on ±5V supplies with both ampli-
fiers simultaneously driving 50Ω loads, the worst-case
power dissipation is given by:
PD(MAX) = 2 • (10 • 14mA) + 2 • (2.5)2/50
= 0.28 + 0.25 = 0.53W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com