Electronic Components Datasheet Search
  English  ▼

X  

LT1395 Datasheet(PDF) 17 Page - Linear Technology

Part # LT1395
Description  Gain-Bandwidth Product: 325MHz
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1395 Datasheet(HTML) 17 Page - Linear Technology

Back Button LT1395 Datasheet HTML 13Page - Linear Technology LT1395 Datasheet HTML 14Page - Linear Technology LT1395 Datasheet HTML 15Page - Linear Technology LT1395 Datasheet HTML 16Page - Linear Technology LT1395 Datasheet HTML 17Page - Linear Technology LT1395 Datasheet HTML 18Page - Linear Technology LT1395 Datasheet HTML 19Page - Linear Technology LT1395 Datasheet HTML 20Page - Linear Technology LT1395 Datasheet HTML 21Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LT1806/LT1807
17
18067fc
Rail-to-Rail Characteristics
The LT1806/LT1807 have input and output signal range that
covers from negative power supply to positive power sup-
ply. Figure 1 depicts a simplified schematic of the amplifier.
The input stage is comprised of two differential amplifiers,
a PNP stage Q1/Q2 and a NPN stage Q3/Q4 that are active
over different ranges of common mode input voltage. The
PNP differential pair is active between the negative supply
to approximately 1.5V below the positive supply. As the
input voltage moves closer toward the positive supply, the
transistor Q5 will steer the tail current I1 to the current
mirror Q6/Q7, activating the NPN differential pair. The PNP
pair becomes inactive for the rest of the input common
mode range up to the positive supply.
APPLICATIONS INFORMATION
A pair of complementary common emitter stages Q14/Q15
that enable the output to swing from rail to rail constructs
the output stage. The capacitors C1 and C2 form the
local feedback loops that lower the output impedance at
high frequency. These devices are fabricated on Linear
Technology’s proprietary high speed complementary
bipolar process.
Power Dissipation
The LT1806/LT1807 amplifiers combine high speed with
large output current in a small package, so there is a need
to ensure that the die’s junction temperature does not
exceed 150°C. The LT1806 is housed in an SO-8 package
or a 6-lead SOT-23 package and the LT1807 is in an SO-8
Q4
Q6
Q3
Q7
Q10
Q1
Q13
Q15
OUT
Q2
Q11
Q12
Q9
Q5
VBIAS
I1
D2
D1
D5
D4
D3
D6
D7
D8
ESDD2
ESDD1
+IN
–IN
V–
ESDD3
ESDD4
V+
V+
V–
Q8
R2
R1
R3
R4
R5
Q14
18067 F01
+
I2
C2
CC
V–
+
C1
BUFFER
AND
OUTPUT BIAS
Q17
Q16
ESDD5
SHDN
V+
V–
R7
100k
R6
40k
D9
V+
V–
ESDD6
BIAS
GENERATION
Figure 1. LT1806 Simplified Schematic Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com