Electronic Components Datasheet Search
  English  ▼

X  

LTC3406 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3406
Description  1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3406 Datasheet HTML 4Page - Linear Technology LTC3406 Datasheet HTML 5Page - Linear Technology LTC3406 Datasheet HTML 6Page - Linear Technology LTC3406 Datasheet HTML 7Page - Linear Technology LTC3406 Datasheet HTML 8Page - Linear Technology LTC3406 Datasheet HTML 9Page - Linear Technology LTC3406 Datasheet HTML 10Page - Linear Technology LTC3406 Datasheet HTML 11Page - Linear Technology LTC3406 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC3406
LTC3406-1.5/LTC3406-1.8
3406fa
APPLICATIO S I FOR ATIO
The basic LTC3406 application circuit is shown in Figure 1.
External component selection is driven by the load require-
ment and begins with the selection of L followed by CIN and
COUT.
Inductor Selection
For most applications, the value of the inductor will fall in
the range of 1µH to 4.7µH. Its value is chosen based on the
desired ripple current. Large value inductors lower ripple
current and small value inductors result in higher ripple
currents. Higher VIN or VOUT also increases the ripple
current as shown in equation 1. A reasonable starting point
for setting ripple current is ∆IL = 240mA (40% of 600mA).
∆ =
()( )
−
⎛
⎝
⎜
⎞
⎠
⎟
I
fL
V
V
V
L
OUT
OUT
IN
1
1
(1)
The DC current rating of the inductor should be at least
equal to the maximum load current plus half the ripple
current to prevent core saturation. Thus, a 720mA rated
inductor should be enough for most applications (600mA
+ 120mA). For better efficiency, choose a low DC-resis-
tance inductor.
The inductor value also has an effect on Burst Mode
operation. The transition to low current operation begins
when the inductor current peaks fall to approximately
200mA. Lower inductor values (higher ∆IL) will cause this
to occur at lower load currents, which can cause a dip in
efficiency in the upper range of low current operation. In
Burst Mode operation, lower inductance values will cause
the burst frequency to increase.
Inductor Core Selection
Different core materials and shapes will change the size/
current and price/current relationship of an inductor.
Toroid or shielded pot cores in ferrite or permalloy mate-
rials are small and don’t radiate much energy, but gener-
ally cost more than powdered iron core inductors with
similar electrical characteristics. The choice of which style
Table 1. Representative Surface Mount Inductors
PART
VALUE
DCR
MAX DC
SIZE
NUMBER
(µH)
(Ω MAX)
CURRENT (A) W × L × H (mm3)
Sumida
1.5
0.043
1.55
3.8 × 3.8 × 1.8
CDRH3D16
2.2
0.075
1.20
3.3
0.110
1.10
4.7
0.162
0.90
Sumida
2.2
0.116
0.950
3.5 × 4.3 × 0.8
CMD4D06
3.3
0.174
0.770
4.7
0.216
0.750
Panasonic
3.3
0.17
1.00
4.5 × 5.4 × 1.2
ELT5KT
4.7
0.20
0.95
Murata
1.0
0.060
1.00
2.5 × 3.2 × 2.0
LQH32CN
2.2
0.097
0.79
4.7
0.150
0.65
inductor to use often depends more on the price vs size
requirements and any radiated field/EMI requirements
than on what the LTC3406 requires to operate. Table 1
shows some typical surface mount inductors that work
well in LTC3406 applications.
CIN and COUT Selection
In continuous mode, the source current of the top MOSFET
is a square wave of duty cycle VOUT/VIN. To prevent large
voltage transients, a low ESR input capacitor sized for the
maximum RMS current must be used. The maximum
RMS capacitor current is given by:
CI
VV
V
V
IN
OMAX
OUT
IN
OUT
IN
required IRMS ≅
−
()
[]
12
/
This formula has a maximum at VIN = 2VOUT, where
IRMS = IOUT/2. This simple worst-case condition is com-
monly used for design because even significant deviations
do not offer much relief. Note that the capacitor
manufacturer’s ripple current ratings are often based on
2000 hours of life. This makes it advisable to further derate
the capacitor, or choose a capacitor rated at a higher
temperature than required. Always consult the manufac-
turer if there is any question.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com