Electronic Components Datasheet Search
  English  ▼

X  

LTC3406 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC3406
Description  1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC3406 Datasheet HTML 8Page - Linear Technology LTC3406 Datasheet HTML 9Page - Linear Technology LTC3406 Datasheet HTML 10Page - Linear Technology LTC3406 Datasheet HTML 11Page - Linear Technology LTC3406 Datasheet HTML 12Page - Linear Technology LTC3406 Datasheet HTML 13Page - Linear Technology LTC3406 Datasheet HTML 14Page - Linear Technology LTC3406 Datasheet HTML 15Page - Linear Technology LTC3406 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
LTC3406
LTC3406-1.5/LTC3406-1.8
3406fa
TYPICAL APPLICATIO S
Single Li-Ion 1.2V/600mA Regulator for High Efficiency and Small Footprint
VIN
CIN
†
2.2µF
CER
VIN
2.7V
TO 4.2V
LTC3406
RUN
3
2.2µH*
22pF
301k
301k
3406 TA09
5
4
1
2
SW
VFB
GND
COUT**
10µF
CER
VOUT
1.2V
* MURATA LQH32CN2R2M33
** TAIYO YUDEN JMK316BJ106ML
† TAIYO YUDEN LMK212BJ225MG
OUTPUT CURRENT (mA)
70
80
90
95
0.1
10
100
1000
3406 TA10
60
1
85
75
65
VOUT = 1.2V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20µs/DIV
VIN = 3.6V
VOUT = 1.2V
ILOAD = 0mA TO 600mA
3406 TA11
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20µs/DIV
VIN = 3.6V
VOUT = 1.2V
ILOAD = 200mA TO 600mA
3406 TA12
Tiny 3.3V/600mA Buck Regulator
VIN
CIN
†
4.7µF
CER
VIN
5V
LTC3406
RUN
3
2.2µH*
22pF
301k
66.5k
3406 TA13
5
4
1
2
SW
VFB
GND
COUT**
10µF
CER
VOUT
3.3V
600mA
* MURATA LQH32CN2R2M33
** TAIYO YUDEN JMK316BJ106ML
† TAIYO YUDEN JMK212BJ475MG
OUTPUT CURRENT (mA)
70
80
85
95
100
0.1
10
100
1000
3406 TA14
60
1
90
75
65
VIN = 5V
VOUT = 3.3V
IL
500mA/DIV
ILOAD
500mA/DIV
VOUT
100mV/DIV
AC COUPLED
20µs/DIV
VIN = 5V
VOUT = 3.3V
ILOAD = 200mA TO 600mA
3406 TA15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com