Electronic Components Datasheet Search
  English  ▼

X  

LTC3406 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3406
Description  1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406 Datasheet(HTML) 3 Page - Linear Technology

  LTC3406 Datasheet HTML 1Page - Linear Technology LTC3406 Datasheet HTML 2Page - Linear Technology LTC3406 Datasheet HTML 3Page - Linear Technology LTC3406 Datasheet HTML 4Page - Linear Technology LTC3406 Datasheet HTML 5Page - Linear Technology LTC3406 Datasheet HTML 6Page - Linear Technology LTC3406 Datasheet HTML 7Page - Linear Technology LTC3406 Datasheet HTML 8Page - Linear Technology LTC3406 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC3406
LTC3406-1.5/LTC3406-1.8
3406fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VRUN
RUN Threshold
●
0.3
1
1.5
V
IRUN
RUN Leakage Current
●
±0.01
±1
µA
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
ELECTRICAL CHARACTERISTICS
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3406E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3406: TJ = TA + (PD)(250°C/W)
Note 4: The LTC3406 is tested in a proprietary test mode that connects
VFB to the output of the error amplifier.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs Input Voltage
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Reference Voltage vs
Temperature
Oscillator Frequency vs
Temperature
(From Figure1a Except for the Resistive Divider Resistor Values)
INPUT VOLTAGE (V)
2
50
55
65
70
75
100
85
3
4
3406 G01
60
90
95
80
5
6
IOUT = 600mA
VOUT = 1.8V
IOUT = 100mA
IOUT = 10mA
IOUT = 0.1mA
IOUT = 1mA
OUTPUT CURRENT (mA)
70
80
90
95
0.1
10
100
1000
3406 G02
60
1
85
75
65
VOUT = 1.2V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
OUTPUT CURRENT (mA)
70
80
90
95
0.1
10
100
1000
3406 G03
60
1
85
75
65
VOUT = 1.5V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
OUTPUT CURRENT (mA)
70
80
85
95
100
0.1
10
100
1000
3406 G04
60
1
90
75
65
VOUT = 2.5V
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
TEMPERATURE (°C)
–50
0.614
0.609
0.604
0.599
0.594
0.589
0.584
25
75
–25
0
50
100
125
VIN = 3.6V
3406 G05
TEMPERATURE (°C)
–50
1.70
1.65
1.60
1.55
1.50
1.45
1.40
1.35
1.30
25
75
–25
0
50
100
125
VIN = 3.6V
3406 G06



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com