Electronic Components Datasheet Search
  English  ▼

X  

LTC3406 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3406
Description  1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3406 Datasheet HTML 2Page - Linear Technology LTC3406 Datasheet HTML 3Page - Linear Technology LTC3406 Datasheet HTML 4Page - Linear Technology LTC3406 Datasheet HTML 5Page - Linear Technology LTC3406 Datasheet HTML 6Page - Linear Technology LTC3406 Datasheet HTML 7Page - Linear Technology LTC3406 Datasheet HTML 8Page - Linear Technology LTC3406 Datasheet HTML 9Page - Linear Technology LTC3406 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LTC3406
LTC3406-1.5/LTC3406-1.8
3406fa
FU CTIO AL DIAGRA
+
–
+
–
EA
IRCMP
+
–
ICOMP
5
1
RUN
OSC
SLOPE
COMP
OSC
FREQ
SHIFT
0.6V
FB
R1
LTC3406-1.5
R1 + R2 = 550k
LTC3406-1.8
R1 + R2 = 540k
R2
0.6V REF
SHUTDOWN
0.4V
0.65V
SLEEP
VIN
VFB/VOUT
BURST
VIN
S
R
RS LATCH
SWITCHING
LOGIC
AND
BLANKING
CIRCUIT
ANTI-
SHOOT-
THRU
Q
Q
5Ω
4
SW
3
GND
3406 BD
2
OPERATIO (Refer to Functional Diagram)
Main Control Loop
The LTC3406 uses a constant frequency, current mode
step-down architecture. Both the main (P-channel
MOSFET) and synchronous (N-channel MOSFET) switches
are internal. During normal operation, the internal top
power MOSFET is turned on each cycle when the oscillator
sets the RS latch, and turned off when the current com-
parator, ICOMP, resets the RS latch. The peak inductor
current at which ICOMP resets the RS latch, is controlled by
the output of error amplifier EA. When the load current
increases, it causes a slight decrease in the feedback
voltage, FB, relative to the 0.6V reference, which in turn,
causes the EA amplifier’s output voltage to increase until
the average inductor current matches the new load cur-
rent. While the top MOSFET is off, the bottom MOSFET is
turned on until either the inductor current starts to reverse,
as indicated by the current reversal comparator IRCMP, or
the beginning of the next clock cycle.
Burst Mode Operation
The LTC3406 is capable of Burst Mode operation in which
the internal power MOSFETs operate intermittently based
on load demand.
In Burst Mode operation, the peak current of the inductor
is set to approximately 200mA regardless of the output
load. Each burst event can last from a few cycles at light
loads to almost continuously cycling with short sleep
intervals at moderate loads. In between these burst events,
the power MOSFETs and any unneeded circuitry are turned
off, reducing the quiescent current to 20µA. In this sleep
state, the load current is being supplied solely from the
output capacitor. As the output voltage droops, the EA
amplifier’s output rises above the sleep threshold signal-
ing the BURST comparator to trip and turn the top MOSFET
on. This process repeats at a rate that is dependent on the
load demand.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com