Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1813
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC6400-14
7
640014fb
FREQUENCY (MHz)
10
15
10
12
14
6
8
5
11
13
7
9
5.0
4.0
2.0
3.0
1.0
0
4.5
2.5
3.5
1.5
0.5
100
1000
640014 G07
NOISE FIGURE
EN
RL = 87.5Ω PER OUTPUT
TEST CIRCUIT B
TIME (ns)
02
4
6
8
10
1.35
1.30
1.20
1.25
1.15
640014 G08
–OUT
+OUT
TIME (ns)
02
4
6
8
10
2.50
2.00
0.50
1.50
1.00
0.00
640014 G09
–OUT
+OUT
RL = 87.5Ω PER OUTPUT
TEST CIRCUIT B
FREQUENCY (MHz)
10
250
200
150
100
50
225
175
125
75
25
0
100
60
20
–20
–60
80
40
0
–40
–80
–100
100
1000
640014 G05
ZIN
ZOUT
ZIN
ZOUT
PHASE
IMPEDANCE MAGNITUDE
FREQUENCY (MHz)
0
200
400
600
800
1000
0
0.4
0.2
–50
– 150
–100
–200
0.0
640014 G03
TEST CIRCUIT B
PHASE
GROUP DELAY
FREQUENCY (MHz)
10
100
1000
3000
20
18
16
14
12
10
8
6
4
2
0
640014 G01
TEST CIRCUIT B
TYPICAL PERFORMANCE CHARACTERISTICS
Frequency Response
Gain 0.1dB Flatness
S21 Phase and Group Delay vs
Frequency
Input and Output Reflection and
Reverse Isolation vs Frequency
Input and Output Impedance vs
Frequency
PSRR and CMRR vs Frequency
FREQUENCY (MHz)
10
100
1000
3000
1
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
– 0.1
– 0.2
– 0.3
– 0.4
– 0.5
– 0.6
– 0.7
– 0.8
– 0.9
0
–1
640014 G02
TEST CIRCUIT B
Noise Figure and Input Referred
Noise Voltage vs Frequency
Small Signal Transient Response
Large Signal Transient Response
FREQUENCY (MHz)
10
100
1000
0
–10
–20
–30
–50
–70
–60
–40
–80
640014 G04
S11
S22
S11
FREQUENCY (MHz)
1
80
70
60
50
40
30
0
10
20
10
100
1000
640014 G06
PSRR
CMRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com