Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 9 Page - Linear Technology

Part # LT1813
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology LT1813 Datasheet HTML 12Page - Linear Technology LT1813 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC6400-14
9
640014fb
TIME (ns)
0
–20
3.5
2.0
2.5
1.0
1.5
3.0
–0.5
0.5
0
20
40
60
80
640014 G19
+OUT
–OUT
ENABLE
RL = 87.5Ω PER OUTPUT
3.5
2.0
2.5
1.0
1.5
3.0
–0.5
0.5
0
640014 G20
–OUT
+OUT
ENABLE
RL = 87.5Ω PER OUTPUT
TIME (ns)
0
–20
20
40
60
80
TYPICAL PERFORMANCE CHARACTERISTICS
Turn-On Time
Turn-Off Time
Equivalent Output 1dB
Compression Point vs Frequency
IMD3 vs VICM and VOCM
Equivalent Output Third Order
Intercept vs Frequency
COMMON MODE VOLTAGE (V)
1.0
1.2
1.4
1.6
1.8
640014 G18
–85
–88
–91
–97
–94
–100
VOUT = 2VP-P COMPOSITE at 100MHz
DIFFERENTIAL INPUT NO RL
SWEEP VICM
VOCM = 1.25V
SWEEP VOCM
INPUT AC-COUPLED
FREQUENCY (MHz)
20
19
18
16
17
15
640014 G16
DIFFERENTIAL INPUT
RL = 375Ω
TEST CIRCUIT A
(NOTE 7)
0
50
100
150
200
250
300
FREQUENCY (MHz)
70
60
50
40
20
10
30
0
640014 G17
DIFFERENTIAL INPUT
(NOTE 7)
0
50
100
150
200
250
300
NO RL
200Ω RL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com