Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 1 Page - Linear Technology

Part # LT1813
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 1 Page - Linear Technology

  LT1813 Datasheet HTML 1Page - Linear Technology LT1813 Datasheet HTML 2Page - Linear Technology LT1813 Datasheet HTML 3Page - Linear Technology LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC6400-14
1
640014fb
FREQUENCY (MHz)
050
70
60
50
40
30
20
10
0
100
150
200
640020 TA01b
250
300
(NOTE 7)
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
2.4GHz Low Noise, Low
Distortion Differential ADC
Driver for 300MHz IF
The LTC®6400-14 is a high-speed differential amplifier
targeted at processing signals from DC to 300MHz. The
part has been specifically designed to drive 12-, 14- and
16-bit ADCs with low noise and low distortion, but can also
be used as a general-purpose broadband gain block.
The LTC6400-14 is easy to use, with minimal support
circuitry required. The output common mode voltage is
set using an external pin, independent of the inputs, which
eliminates the need for transformers or AC-coupling ca-
pacitors in many applications. The gain is internally fixed
at 14dB (5V/V).
The LTC6400-14 saves space and power compared to
alternative solutions using IF gain blocks and transformers.
The LTC6400-14 is packaged in a compact 16-lead 3mm
×
3mm QFN package and operates over the – 40°C to 85°C
temperature range.
Equivalent Output IP3 vs
Frequency
n 2.4GHz –3dB Bandwidth
n Fixed Gain of 5V/V (14dB)
n –97dBc IMD3 at 70MHz (Equivalent OIP3 = 52.4dBm)
n –66dBc IMD3 at 300MHz (Equivalent OIP3 = 36.9dBm)
n 1.1nV/√Hz Internal Op Amp Noise
n 2.5nV/√Hz Total Input Noise
n 7.5dB Noise Figure
n Differential Inputs and Outputs
n 200
Ω Input Impedance
n 2.85V to 3.5V Supply Voltage
n 85mA Supply Current (255mW)
n 1V to 1.6V Output Common Mode Voltage,
Adjustable
n DC- or AC-Coupled Operation
n Max Differential Output Swing 4.8VP-P
n Small 16-Lead 3mm
× 3mm × 0.75mm QFN Package
n Differential ADC Driver
n Differential Driver/Receiver
n Single Ended to Differential Conversion
n IF Sampling Receivers
n SAW Filter Interfacing
R2
29Ω
R1
68.5Ω
C4
0.1μF
C3
0.1μF
64014 TA01a
LTC6400-14
LTC2208
RS1
15Ω
C2
0.1μF
VIN
C1
1000pF
3.3V
3.3V
RS2
15Ω
RS3
10Ω
RS4
10Ω
R3
100Ω
VOCM
C5
0.1μF
1.25V
CF2
33pF
COILCRAFT
0603CS
CF1
33pF
L1
24nH
CF3
33pF
V+
–IN
+IN
+OUT
–OUT
V–
AIN+
AIN–
VCM
VDD
LTC2208
130Msps
16-Bit ADC
Single-Ended to Differential ADC Driver
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.


Similar Part No. - LT1813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
204Kb / 12P
Dual 3mA, 100MHz, 750V/us Operational Amplifier
logo
List of Unclassifed Man...
LT1813 ETC1-LT1813 Datasheet
61Kb / 1P
UNDERSTANDING THE SUBJECT IS CUSTOMER SERVICE
logo
Linear Technology
LT1813 LINER-LT1813 Datasheet
223Kb / 16P
1.3GHz Low Noise, Low Distortion Differential ADC Driver for 140MHz IF
LT1813 LINER-LT1813 Datasheet
244Kb / 16P
Dual/Quad 3mA, 100MHz, 750V/짰 Operational Amplifiers
LT1813 LINER-LT1813 Datasheet
315Kb / 28P
325MHz, Single/Dual,Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps
More results

Similar Description - LT1813

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6400-8 LINER-LTC6400-8 Datasheet
216Kb / 16P
2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-14 LINER-LTC6400-14 Datasheet
224Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20 Datasheet
229Kb / 16P
1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-26 LINER-LTC6400-26 Datasheet
219Kb / 16P
1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400CUD-8 LINER-LTC6400CUD-8 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC
LTC6400CUD-14 LINER-LTC6400CUD-14 Datasheet
213Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-8 LINER-LTC6400-8_15 Datasheet
224Kb / 16P
2.2GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
LTC6400-14 LINER-LTC6400-14_15 Datasheet
236Kb / 16P
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-20 LINER-LTC6400-20_15 Datasheet
231Kb / 16P
1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
LTC6400-26 LINER-LTC6400-26_15 Datasheet
231Kb / 16P
1.9GHz Low Noise, Low Distortion Differential ADC Driver for DC-300MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com