Electronic Components Datasheet Search
  English  ▼

X  

LT1813 Datasheet(PDF) 8 Page - Linear Technology

Part # LT1813
Description  2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1813 Datasheet(HTML) 8 Page - Linear Technology

Back Button LT1813 Datasheet HTML 4Page - Linear Technology LT1813 Datasheet HTML 5Page - Linear Technology LT1813 Datasheet HTML 6Page - Linear Technology LT1813 Datasheet HTML 7Page - Linear Technology LT1813 Datasheet HTML 8Page - Linear Technology LT1813 Datasheet HTML 9Page - Linear Technology LT1813 Datasheet HTML 10Page - Linear Technology LT1813 Datasheet HTML 11Page - Linear Technology LT1813 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC6400-14
8
640014fb
FREQUENCY (MHz)
–40
–50
–60
–80
–90
–70
–110
–100
640014 G13
NO RL
200Ω RL
DIFFERENTIAL INPUT
VOUT = 2VP-P COMPOSITE
0
50
100
150
200
250
300
TIME (ns)
0
5
4
3
2
1
–4
–3
–2
–1
0
–5
5.0
2.5
0.5
1.0
2.0
3.5
3.0
4.5
4.0
1.5
0
20
40
60
80
100
640014 G10
+OUT
–OUT
+IN
–IN
RL = 87.5Ω PER OUTPUT
TEST CIRCUIT B
TIME (ns)
0
5
4
3
2
1
–4
–3
–2
–1
–5
0
12
4
3
5
640014 G11
RL = 87.5Ω PER OUTPUT
TEST CIRCUIT B
TYPICAL PERFORMANCE CHARACTERISTICS
Overdrive Recovery Response
1% Settling Time for 2V
Output Step
Harmonic Distortion vs Frequency
Third Order Intermodulation
Distortion vs Frequency
Third Order Intermodulation
Distortion vs Frequency
FREQUENCY (MHz)
050
–40
–50
–60
–80
–90
–70
–110
–100
100
150
200
250
300
640014 G12
HD2 NO RL
HD2 200Ω RL
HD3 NO RL
HD3 200Ω RL
DIFFERENTIAL INPUT
VOUT = 2VP-P
Harmonic Distortion vs Frequency
FREQUENCY (MHz)
050
–40
–50
–60
–80
–90
–70
–110
–100
100
150
200
250
300
640014 G14
HD2 NO RL
HD2 200Ω RL
HD3 NO RL
HD3 200Ω RL
SINGLE-ENDED INPUT
VOUT = 2VP-P
FREQUENCY (MHz)
–40
–50
–60
–80
–90
–70
–110
–100
640014 G15
NO RL
200Ω RL
SINGLE-ENDED INPUT
VOUT = 2VP-P COMPOSITE
0
50
100
150
200
250
300



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com