Electronic Components Datasheet Search
  English  ▼

X  

SS461R Datasheet(PDF) 3 Page - Honeywell Solid State Electronics Center

Part # SS461R
Description  Magnetic Sensors Line Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS461R Datasheet(HTML) 3 Page - Honeywell Solid State Electronics Center

  SS461R Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
sensing.honeywell.com
3
SS340RT/SS440R Series
SS345PT/SS445P
SS351AT/SS451A/SS551AT
Description
unipolar Hall-effect digital sensor IC
unipolar Hall-effect digital sensor IC
omnipolar Hall-effect digital sensor IC
Magnetic actuation type
unipolar: SS340RT: North pole
unipolar: SS440R: South pole
unipolar
omnipolar
Package material and style SS340RT: plastic surface mount (SOT-23)
SS440R: plastic radial lead (flat TO-92-style)
SS345PT: plastic surface mount (SOT-23)
SS445P: plastic radial lead (flat TO-92-style)
SS351AT: plastic surface mount (SOT-23)
SS451A: plastic radial lead (flat TO-92-style)
SS551AT: plastic surface mount (SOT-89B)
Supply voltage range
3 Vdc to 24 Vdc, except SS340RT
>125 °C [257 °F]: 3 Vdc to 12 Vdc
2.7 Vdc to 7.0 Vdc
3 Vdc to 24 Vdc, except SS351AT
>125 °C [257 °F]: 3 Vdc to 12 Vdc
Supply current
8 mA
14 mA
9 mA
Output type
digital sinking
digital sinking
digital sinking
Operating temperature
range
SS440R (3 Vdc to 24 Vdc):
-40 °C to 150 °C [-40 °F to 302 °F]
SS340RT (3 Vdc to 24 Vdc):
-40 °C to 125 °C [-40 °F to 257 °F]
SS340RT (3 Vdc to 12 Vdc):
-40°C to 150 °C [-40°C to 302 °F]
-40 °C to 150 °C [-40 °F to 302 °F]
SS451A/SS551AT (3 Vdc to 24 Vdc):
-40 °C to 150 °C [-40 °F to 302 °F]
SS351AT (3 Vdc to 24 Vdc):
-40 °C to 125 °C [-40 °F to 257 °F]
SS351AT (3 Vdc to 12 Vdc):
-40 °C to 150 °C [-40 °C to 302 °F]
SS360nT/SS360ST/SS460S
SS360PT/SS460P
SS361cT/SS461c
Description
high sensitivity latching digital Hall-effect
sensor IC
high sensitivity latching digital Hall-effect
sensor IC with built-in pull-up resistor
high sensitivity latching digital Hall-effect
sensor IC
Magnetic actuation type
latching
latching
latching
Package material and style
SS360NT/SS360ST: plastic surface mount
(SOT-23)
SS460S: plastic radial lead (flat TO-92-style)
SS360PT: plastic surface mount (SOT-23)
SS460P: plastic radial lead (flat TO-92-style)
SS361CT: plastic surface mount (SOT-23)
SS461C: plastic radial lead (flat SOT-92-style)
Supply voltage range
3 Vdc to 24 Vdc
3 Vdc to 24 Vdc
4 Vdc to 24 Vdc
Supply current
8 mA max.
10 mA max.
6 mA max.
Output type
digital
digital
digital sinking
Operating temperature
range
-40 °C to 125 °C [-40 °F to 257 °F]
-40 °C to 125 °C [-40 °F to 257 °F]
-40 °C to 125 °C [-40 °F to 257 °F]
hall-effect sensor
Ics - digital
hall-effect sensor
Ics - digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com