Electronic Components Datasheet Search
  English  ▼

X  

SS461R Datasheet(PDF) 14 Page - Honeywell Solid State Electronics Center

Part # SS461R
Description  Magnetic Sensors Line Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS461R Datasheet(HTML) 14 Page - Honeywell Solid State Electronics Center

Back Button SS461R Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 9Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 10Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 11Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 12Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 13Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 14Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
14
sensing.honeywell.com
temperature, simplifying installation
and maintenance. Integrated electronic
diagnostics detect open or short circuits
in power supply line by monitoring sensor
output. Circuit senses movement of ferrous
metal targets in potential applications
such as camshaft and crankshaft speed
and position, transmission speed, and
tachometer, as well as traction control.
SnDJ Series.
Features:
Three housing styles • Three
different outputs • Direct sensing of
ferrous metal target • Zero speed sensing
capabilities (some listings) • Stainless
steel housing • Probe and screw-in
package styles • Rotational orientation
independent of sensor function
Benefits:
Used with ferromagnetic
gears or pole wheel to generate impulse
frequencies proportional to target speed.
Rugged stainless steel housing for
potential applications found in high speed
gear tooth sensing, over-speed detection,
and rotary gear or shaft position detection.
VARIABLE RELUcTAncE SPEED
SEnSoRS
VRS General Purpose Series,
VRS hazardous Location Series,
VRS high output Series, VRS
high Resolution Series, VRS high
Temperature Series, VRS Power
output Series.
Features:
Self-powered operation
• Simple installation • No moving parts
• Operates over wide speed range
• Adaptable to wide variety of
configurations • Customized versions
for potential unique speed sensing
applications
Benefits:
All: Direct conversion of
actuator speed to output frequency. VRS
General Purpose Series, VRS Hazardous
Location Series: Simple, rugged devices
do not require external voltage source
for operation. VRS High Output Series:
Performs best at low to medium speeds
Sensing and Control
Honeywell
1985 Douglas Drive North
Golden Valley, MN 55422 USA
sensing.honeywell.com
005894-15-EN
August 2013
Copyright © 2013 Honeywell International Inc. All rights reserved.
warranty.
Honeywell warrants goods of
its manufacture as being free of defective
materials and faulty workmanship.
Honeywell’s standard product warranty
applies unless agreed to otherwise by
Honeywell in writing; please refer to your
order acknowledgement or consult your
local sales office for specific warranty
details. If warranted goods are returned to
Honeywell during the period of coverage,
Honeywell will repair or replace, at its
option, without charge those items it finds
defective. The foregoing is buyer’s sole
remedy and is in lieu of all warranties,
expressed or implied, including those
of merchantability and fitness for a
particular purpose. In no event shall
honeywell be liable for consequential,
special, or indirect damages.
While we provide application assistance
personally, through our literature and
the Honeywell web site, it is up to the
customer to determine the suitability of the
product in the application.
Specifications may change without notice.
The information we supply is believed to
be accurate and reliable as of this printing.
However, we assume no responsibility for
its use.
For more information about Sensing and
Control products, visit sensing.honeywell.
com or call +1-815-235-6847. Email inqui-
ries to info.sc@honeywell.com.
with medium to high impedance loads.
Sealed front-end versions available for
use where sensor is exposed to fluids,
lubricants, or adverse environmental
conditions. VRS High Resolution Series:
Proper sensor alignment is required. VRS
High Temperature Series: Sealed front-end
versions for potential applications where
sensor is exposed to fluids, lubricants, or
adverse environmental conditions.
Potential applications:
VRS General
Purpose Series: Engine and motor RPM,
process, flow, wheel-slip, and gear speed
measurement with medium to high speeds
or in electrically noisy environments with
relatively small air gaps. VRS Hazardous
Location Series: Engine and motor RPM,
process, flow, wheel-slip, and gear speed
measurement where explosion-proof or
intrinsically safe sensors are required.
VRS High Output Series: Engine and
motor RPM, process, flow, wheel-slip, and
gear speed measurement where higher
output voltages are needed. VRS High
Resolution Series: Engine and motor RPM,
process, flow, wheel-slip, and gear speed
measurement where precise timing pulse is
required, and/or fine pitch gears are used.
VRS High Temperature Series: Engine and
motor RPM, process, flow, wheel-slip, and
gear speed measurement where sensor is
exposed to temperatures up to 260 °C
[450 °F]. VRS Power Output Series: Driving
low resistance loads at large air gaps in
engine and motor RPM, process, flow,
wheel-slip, and gear speed measurement
where larger actuators may be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com