Electronic Components Datasheet Search
  English  ▼

X  

SS461R Datasheet(PDF) 7 Page - Honeywell Solid State Electronics Center

Part # SS461R
Description  Magnetic Sensors Line Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS461R Datasheet(HTML) 7 Page - Honeywell Solid State Electronics Center

Back Button SS461R Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 9Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 10Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 11Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
sensing.honeywell.com
7
1GT Series
Description
single Hall-effect sensor
Supply voltage range
4.5 Vdc to 26.5 Vdc (inclusive)
Supply current
20 mA
Output type
digital sinking (open collector)
Operating frequency range
0 Hz to 25 kHz (inclusive)
Operating temperature range
-40 °C to 150 °C [-40 °F to 302 °F]
LcZ Series
SnDh-T Series
SnDh-h Series
Description
single Hall-effect zero speed sensor
dual differential Hall-effect quadrature
speed and direction sensor
Hall-effect speed sensor
Housing
stainless steel
n/a
stainless steel or plastic
Supply voltage range
4.5 Vdc to 26 Vdc
4.5 Vdc to 18 Vdc
4 Vdc to 24 Vdc (inclusive)
Supply current
20 mA
18 mA max.
20 mA max.
Output type
digital sinking
square wave
digital sinking
Operating frequency range
0 Hz to 15 kHz
1 Hz to 15 kHz
0 Hz to 15 kHz, 2 Hz to 15 kHz
Operating temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
-40 °C to 150 °C [-40 °F to 302 °F]
-40 °C to 150 °C [-40 °F to 302 °F]
Speed and
direction sensors
Speed and
direction sensors
Zh10
GTn Series
SnDJ Series
Description
single Hall-effect zero speed sensor
single Hall-effect sensor
zero speed Hall-effect sensor,
differential Hall-effect sensor,
dual Hall-effect sensor
Housing
aluminum
n/a
n/a
Supply voltage range
4 Vdc to 24 Vdc
8 Vdc to 32 Vdc (inclusive)
8 Vdc to 32 Vdc (inclusive)
Supply current
6 mA
40 mA
10 mA to 20 mA max. (inclusive)
Output type
digital sinking
digital sinking (open collector)
square wave and one direction signal,
square wave signal from NPN output
transistor with 2.7 kOhm pull-up, dc-
coupled to supply,
square wave signal from push-pull stage,
dc-coupled to supply
Operating frequency range
0 Hz to 15 kHz
2 Hz to 9 kHz
0 Hz to 15 kHz (inclusive)
Operating temperature range
-40 °C to 125 °C [-40 °F to 257 °F]
-40 °C to 125 °C [-40 °F to 257 °F]
-20 °C to 100 °C [-4 °F to 212 °F]
Speed and
direction sensors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com