Electronic Components Datasheet Search
  English  ▼

X  

SS461R Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center

Part # SS461R
Description  Magnetic Sensors Line Guide
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

SS461R Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center

  SS461R Datasheet HTML 1Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 2Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 3Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 4Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 5Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 6Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 7Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 8Page - Honeywell Solid State Electronics Center SS461R Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
sensing.honeywell.com
Magnetic Sensors Line Guide
SS41/SS51T
Series
SS421 Series
SS42R
SS46
VF526DT
Description
bipolar Hall-effect
digital sensor IC
adjustable biplor Hall-
effect digital sensor
IC with underspeed
detection
latching Hall-effect
digital sensor IC with
dual active high/active
low complementary
outputs
latching Hall-effect
digital sensor IC
latching dual Hall-effect
digital sensor IC with
speed and direction
outputs
Magnetic actuation type
bipolar
bipolar
latching
latching
latching
Package material and style
SS41: plastic radial
lead (flat TO-92-style)
SS51T: plastic surface
mount (SOT-89)
plastic radial lead
plastic radial lead
plastic radial lead
(flat TO-92-style)
plastic surface mount
(SOT-89)
Supply voltage range
4.5 Vdc to 24 Vdc
4.5 Vdc to 16 Vdc
4.5 Vdc to 16 Vdc
4.5 Vdc to 24 Vdc
3.4 Vdc to 24 Vdc
Supply current
15 mA max.
15 mA max.
11 mA max.
10 mA max.
OFF: 12 mA max
ON: 14 mA max
Output type
digital sinking
digital sinking
digital sinking or
sourcing
digital sinking
digital voltage, dual
open collector sinking
Operating temperature range
-40 °C to 150 °C
[-40 °F to 302 °F]
-40 °C to 105 °C
[-40 °F to 221 °F]
0 °C to 100 °C
[32 °F to 212 °F]
-40 °C to 150 °C
[-40 °F to 302 °F]
-40 °C to 125 °C
[-40 °F to 257 °F]
hall-effect sensor
Ics - digital
SS361RT/SS461R
SS400/SS500 Series
Description
latching Hall-effect digital sensor IC
SS400: unipolar/bipolar/latching Hall-effect digital sensor IC
SS500: unipolar/bipolar/latching Hall-effect digital sensor IC
Magnetic actuation type
latching
unipolar, bipolar, latching
Package material and style SS361RT: plastic surface mount (SOT-23)
SS461R: plastic radial lead (flat TO-92-style)
SS400: plastic radial lead (flat TO-92-style)
SS500: plastic surface mount (SOT-89)
Supply voltage range
3 Vdc to 18 Vdc, except SS361RT >125 °C [257 °F]: 3 Vdc to 12
Vdc
3.8 Vdc to 30 Vdc (inclusive)
Supply current
8 mA
SS400: 10 mA
SS500: 8.7 mA at 5 Vdc
Output type
digital sinking
digital sinking
Operating temperature
range
SS361RT(3Vto12V)&SS461R:40°Cto150°C[-40°Cto302°C]
SS361RT (3 V to 18 V): -40 °C to 125 °C [-40 °F to 257 °F]
-40 °C to 150 °C
[-40 °F to 302 °F]
hall-effect sensor
Ics - digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com