Electronic Components Datasheet Search
  English  ▼

X  

MAX775C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX775C/D
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX775C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX775C/D Datasheet HTML 4Page - Maxim Integrated Products MAX775C/D Datasheet HTML 5Page - Maxim Integrated Products MAX775C/D Datasheet HTML 6Page - Maxim Integrated Products MAX775C/D Datasheet HTML 7Page - Maxim Integrated Products MAX775C/D Datasheet HTML 8Page - Maxim Integrated Products MAX775C/D Datasheet HTML 9Page - Maxim Integrated Products MAX775C/D Datasheet HTML 10Page - Maxim Integrated Products MAX775C/D Datasheet HTML 11Page - Maxim Integrated Products MAX775C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
-5V/-12V/-15V or Adjustable, High-Efficiency,
Low IQ Inverting DC-to-DC Controllers
8
_______________________________________________________________________________________
______________________________________________________________Pin Description
PIN
NAME
FUNCTION
1
OUT
2
FB
3
SHDN
4
REF
1.5V reference output that can source 100µA. Bypass to ground with 0.1µF.
5
V+
Positive power-supply input
6
CS
Noninverting input to the current-sense comparator. Typical trip level is 210mV (relative to V+).
7
EXT
The gate-drive output for an external P-channel power MOSFET. EXT swings from OUT to V+.
8
GND
Ground
The sense input for fixed-output operation (VFB = VREF). OUT is connected to the internal voltage divider,
and it is the negative supply input for the EXT driver.
Feedback input. When VFB = VREF, the output will be the factory preset value. For adjustable operation,
use an external voltage divider, as described in the Adjustable Output section.
Active-high shutdown input. With SHDN high, the part is in shutdown mode and the supply current is less
than 5µA. Connect to GND for normal operation.
Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)
CIRCUIT OF FIGURE 2
V+ = 6V, VOUT = -5V
A: ILOAD, 30mA TO 1A, 1A/div
B: VOUT, 100mV/div, AC-COUPLED
LOAD-TRANSIENT RESPONSE
100
µs/div
A
B
CIRCUIT OF FIGURE 2
VOUT = -5V, ILOAD = 1A
A: V+, 3V TO 8V, 5V/div
B: VOUT, 100mV/div, AC-COUPLED
LINE-TRANSIENT RESPONSE
2ms/div
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com