Electronic Components Datasheet Search
  English  ▼

X  

MAX775C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX775C/D
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX775C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX775C/D Datasheet HTML 6Page - Maxim Integrated Products MAX775C/D Datasheet HTML 7Page - Maxim Integrated Products MAX775C/D Datasheet HTML 8Page - Maxim Integrated Products MAX775C/D Datasheet HTML 9Page - Maxim Integrated Products MAX775C/D Datasheet HTML 10Page - Maxim Integrated Products MAX775C/D Datasheet HTML 11Page - Maxim Integrated Products MAX775C/D Datasheet HTML 12Page - Maxim Integrated Products MAX775C/D Datasheet HTML 13Page - Maxim Integrated Products MAX775C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
the current limit for the first two pulses is set to one-half
the peak current limit. If those pulses bring the output
voltage into regulation, the voltage comparator keeps
the MOSFET off, and the current limit remains at one-half
the peak current limit. If the output voltage is out of
regulation after two consecutive pulses, the current limit
for the next pulse will equal the full current limit.
With heavy loads, the MOSFET first switches twice at
one-half the peak current value. Subsequently, it stays
on until the switch current reaches the full current limit,
and then turns off. After it is off for 2.3µs, the MOSFET
switches on once more, and remains on until the switch
current again reaches its limit. This cycle repeats until
the output is in regulation.
A benefit of this control scheme is that it is highly effi-
cient over a wide range of input/output ratios and load
currents. Additionally, PFM converters do not operate
with constant-frequency switching, and have relaxed
stability criterion (unlike PWM converters). As a result,
their external components require smaller values.
With PFM converters, the output voltage ripple is not
concentrated at the oscillator frequency (as it is with
PWM converters). For applications where the ripple fre-
quency is important, the PWM control scheme must be
used. However, for many other applications, the smaller
capacitors and lower supply current of the PFM control
scheme make it the better choice. The output voltage
ripple with the MAX774/MAX775/MAX776 can be held
quite low. For example, using the circuit of Figure 2,
only 100mV of output ripple is produced when generat-
ing a -5V at 1A output from a +5V input.
Bootstrapped vs.
Nonbootstrapped Operation
Figures 2 and 3 are the standard application circuits
for bootstrapped mode, and Figure 4 is the circuit for
nonbootstrapped mode. Since EXT is powered by OUT,
using bootstrapped or nonbootstrapped mode will
directly affect the gate drive to the FET. EXT swings
from V+ to VOUT. In bootstrapped operation, OUT is
-5V/-12V/-15V or Adjustable, High-Efficiency,
Low IQ Inverting DC-to-DC Controllers
10
______________________________________________________________________________________
MAX774
MAX775
MAX776
OUT
V+
SHDN
CS
FB
EXT
GND
P
7
8
C2
0.1
µF
R1
0.07
Ω
C1
150
µF
6
5
2
3
1
REF
4
Q1
Si9435
1N5822/
MBR340
L1
22
µH
C4
*
VIN
C3
0.1
µF
VOUT
* MAX774 = 330µF, 10V
MAX775, MAX776 = 120
µF, 20V
PRODUCT
MAX774
MAX775
MAX776
OUTPUT
VOLTAGE (V)
-5
-12
-15
INPUT
VOLTAGE (V)
3 to 15
3 to 8
3 to 5
OUTPUT
CURRENT (A)
1
0.5
0.4
NOTE: Si9435 HAS VGS OF 20V MAX
MAX774
MAX775
MAX776
OUT
V+
SHDN
CS
FB
EXT
GND
P
7
8
R2
R3
0.07
Ω
C1
150
µF
6
5
2
3
1
REF
4
Q1
Si9435
1N5822/
MBR340
L1
22
µH
C4
*
VIN
C3
0.1
µF
VOUT
C2
0.1
µF
R1
* MAX774 = 330µF, 10V
MAX775, MAX776 = 120
µF, 20V
Figure 2. Bootstrapped Connection Using Fixed Output
Voltages
Figure 3. Bootstrapped Connection Using External Feedback
Resistors
Figure 4. Nonbootstrapped Operation (VIN > 4.5V)
MAX774
MAX775
MAX776
OUT
V+
SHDN
CS
FB
EXT
GND
P
7
8
R2
R3
0.07
Ω
C1
150
µF
6
5
2
3
1
REF
4
Q1
Si9435
1N5822/
MBR340
L1
22
µH
C4
*
VIN
C3
0.1
µF
VOUT
C2
0.1
µF
R1
* MAX774 = 330µF, 10V
MAX775, MAX776 = 120
µF, 20V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com