Electronic Components Datasheet Search
  English  ▼

X  

MAX775C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX775C/D
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX775C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX775C/D Datasheet HTML 8Page - Maxim Integrated Products MAX775C/D Datasheet HTML 9Page - Maxim Integrated Products MAX775C/D Datasheet HTML 10Page - Maxim Integrated Products MAX775C/D Datasheet HTML 11Page - Maxim Integrated Products MAX775C/D Datasheet HTML 12Page - Maxim Integrated Products MAX775C/D Datasheet HTML 13Page - Maxim Integrated Products MAX775C/D Datasheet HTML 14Page - Maxim Integrated Products MAX775C/D Datasheet HTML 15Page - Maxim Integrated Products MAX775C/D Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
inductor should not be so large that the peak current
never reaches the current limit. That is:
[V+(min) - VSW(max)] x 12µs
L(max)
≤ _______________________________
ILIM(max)
This is only important if
VIN
1tOFF(min)
_______< — = ___________
VOUT
6tON(max)
More important is that the inductor not be so small that
the current rises much faster than the current-limit
comparator can respond. This would be wasteful and
reduce efficiency. Calculate the minimum inductor value
as follows:
[V+(max) - VSW(min)] x 0.3µs
L(min)
≥ _______________________________
δ(I) x ILIM(min)
Where L is in µH, 0.3µs is an ample time for the com-
parator response, ILIM is the current limit (see the
Current-Sense Resistor section), and
δ(I) is the allow-
able percentage of overshoot. As an example, Figure
2's circuit uses a 3A peak current. If we allow a 15%
overshoot and 15V is the maximum input voltage, then
L(min) is 16µH. The actual value of L above this limit
has minimal effect on this circuit's operation.
For highest efficiency, use a coil with low DC resistance.
Coils with 30m
Ω or lower resistance are available. To min-
imize radiated noise, use a torroid, pot-core, or shielded-
bobbin inductor. Inductors with a ferrite core or equivalent
are recommended. Make sure that the inductor’s satura-
tion current rating is greater than ILIM(max).
Diode Selection
The ICs’ high switching frequencies demand a high-
speed rectifier. Schottky diodes such as the 1N5817 to
1N5822 families are recommended. Choose a diode
with an average current rating approximately equal to
or greater than ILIM (max) and a voltage rating higher
than VIN(max) + VOUT. For high-temperature applica-
tions, Schottky diodes may be inadequate due to their
high leakage currents; instead, high-speed silicon
diodes may be used. At heavy loads and high tempera-
ture, the benefits of a Schottky diode’s low forward volt-
age may outweigh the disadvantages of its high leak-
age current.
Current-Sense Resistor
The current-sense resistor limits the peak switch cur-
rent to 210mV/RSENSE, where RSENSE is the value of
the current-sense resistor, and 210mV is the current-
sense comparator threshold (see Current-Limit Trip
Level in the Electrical Characteristics).
To maximize efficiency and reduce the size and cost of
external components, minimize the peak current.
However, since the output current is a function of the
peak current, do not set the limit too low. See Figures
6–9 to determine the sense resistor, as well as the peak
current, for the required load current.
-5V/-12V/-15V or Adjustable, High-Efficiency,
Low IQ Inverting DC-to-DC Controllers
12
______________________________________________________________________________________
INPUT VOLTAGE (V)
0
500
1000
1500
2000
2500
34
5 6
7
8
9 10 11 12 13 14 15
VOUT = -5V
RSENSE = 0.05
Ω
RSENSE = 0.06
Ω
RSENSE = 0.08
Ω
RSENSE = 0.09
Ω
RSENSE = 0.07
Ω
Figure 6. MAX774 Maximum Output Current vs. Input Voltage
(VOUT = -5V)
Figure 7. MAX775 Maximum Output Current vs. Input Voltage
(VOUT = -12V)
0
200
400
600
800
1000
9
INPUT VOLTAGE (V)
3
4
56
78
RSENSE = 0.05
Ω
RSENSE = 0.06
Ω
RSENSE = 0.07
Ω
RSENSE = 0.08
Ω
RSENSE = 0.09
Ω
VOUT = -12V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com