Electronic Components Datasheet Search
  English  ▼

X  

MAX775C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX775C/D
Description  -5V/-12V/-15V or Adjustable, High-Efficiency, Low IQ Inverting DC-to-DC Controllers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX775C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX775C/D Datasheet HTML 2Page - Maxim Integrated Products MAX775C/D Datasheet HTML 3Page - Maxim Integrated Products MAX775C/D Datasheet HTML 4Page - Maxim Integrated Products MAX775C/D Datasheet HTML 5Page - Maxim Integrated Products MAX775C/D Datasheet HTML 6Page - Maxim Integrated Products MAX775C/D Datasheet HTML 7Page - Maxim Integrated Products MAX775C/D Datasheet HTML 8Page - Maxim Integrated Products MAX775C/D Datasheet HTML 9Page - Maxim Integrated Products MAX775C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
-5V/-12V/-15V or Adjustable, High-Efficiency,
Low IQ Inverting DC-to-DC Controllers
6
_______________________________________________________________________________________
80
66
-60 -40
60
140
OPERATING SUPPLY CURRENT
vs. TEMPERATURE
70
68
76
78
TEMPERATURE (°C)
40
20
0
-20
80
120
100
74
72
V+ = 16.5V
V+ = 10V
V+ = 3V
1.506
1.492
-60 -40
60
140
REFERENCE
TEMPERATURE COEFFICIENT
1.496
1.494
1.502
1.504
TEMPERATURE (°C)
40
20
0
-20
80
120
100
1.500
1.498
235
230
225
220
215
210
205
200
195
190
185
-60 -40
60
140
CS TRIP LEVEL
TEMPERATURE (°C)
40
20
0
-20
80
120
100
250
200
150
100
50
0
-60 -40
60
140
REFERENCE
OUTPUT RESISTANCE
TEMPERATURE (°C)
40
20
0
-20
80
120
100
IREF = 50µA
IREF = 100µA
IREF = 10µA
_____________________________Typical Operating Characteristics (continued)
(TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com