Electronic Components Datasheet Search
  English  ▼

X  

AD7873ACPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD7873ACPZ
Description  Touch Screen Digitizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ACPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7873ACPZ Datasheet HTML 3Page - Analog Devices AD7873ACPZ Datasheet HTML 4Page - Analog Devices AD7873ACPZ Datasheet HTML 5Page - Analog Devices AD7873ACPZ Datasheet HTML 6Page - Analog Devices AD7873ACPZ Datasheet HTML 7Page - Analog Devices AD7873ACPZ Datasheet HTML 8Page - Analog Devices AD7873ACPZ Datasheet HTML 9Page - Analog Devices AD7873ACPZ Datasheet HTML 10Page - Analog Devices AD7873ACPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
AD7873
Data Sheet
Rev. F | Page 6 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
+VCC to GND
–0.3 V to +7 V
Analog Input Voltage to GND
–0.3 V to VCC + 0.3 V
Digital Input Voltage to GND
–0.3 V to VCC + 0.3 V
Digital Output Voltage to GND
–0.3 V to VCC + 0.3 V
VREF to GND
–0.3 V to VCC + 0.3 V
Input Current to Any Pin Except Supplies1
±10 mA
Operating Temperature Range
Commercial (A, B Versions)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Junction Temperature
150°C
Power Dissipation
450 mW
IR Reflow Soldering
Peak Temperature
220°C (±5°C)
Time-to-Peak Temperature
10 sec to 30 sec
Ramp-Down Rate
6°C/sec max
Pb-free Parts Only
Peak Temperature
250°C
Time-to-Peak Temperature
20 sec to 40 sec
Ramp-Up Rate
3°C/sec max
Ramp-Down Rate
6°C/sec max
1
Transient currents of up to 100 mA do not cause SCR latch-up.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, a device
soldered in a circuit board for surface-mount packages.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
16-Lead QSOP
149.97
38.8
°C/W
16-Lead TSSOP
150.4
27.6
°C/W
16-Lead LFCSP
135.7
°C/W
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com