Electronic Components Datasheet Search
  English  ▼

X  

AD7873ACPZ Datasheet(PDF) 18 Page - Analog Devices

Part # AD7873ACPZ
Description  Touch Screen Digitizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ACPZ Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7873ACPZ Datasheet HTML 14Page - Analog Devices AD7873ACPZ Datasheet HTML 15Page - Analog Devices AD7873ACPZ Datasheet HTML 16Page - Analog Devices AD7873ACPZ Datasheet HTML 17Page - Analog Devices AD7873ACPZ Datasheet HTML 18Page - Analog Devices AD7873ACPZ Datasheet HTML 19Page - Analog Devices AD7873ACPZ Datasheet HTML 20Page - Analog Devices AD7873ACPZ Datasheet HTML 21Page - Analog Devices AD7873ACPZ Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
Data Sheet
AD7873
Rev. F | Page 17 of 28
Battery Measurement
The AD7873 can monitor a battery voltage from 0 V to 6 V.
Figure 31 shows a block diagram of a battery voltage monitored
through the VBAT pin. The voltage to the +VCC of the AD7873 is
maintained at the desired supply voltage via the dc-to-dc
regulator while the input to the regulator is monitored. This
voltage on VBAT is divided by 4 so that a 6 V battery voltage is
presented to the ADC as 1.5 V. To conserve power, the divider is
on only during the sampling of a voltage on VBAT. Table 6 shows
the control bit settings required to perform a battery
measurement.
Figure 31. Block Diagram of Battery Measurement Circuit
Pressure Measurement
The pressure applied to the touch screen via a pen or finger
can also be measured with the AD7873 with some simple
calculations. The 8-bit resolution mode would be sufficient for
this measurement, but the following calculations are shown
with the 12-bit resolution mode. The contact resistance between
the X and Y plates is measured, providing a good indication of
the size of the depressed area and the applied pressure. The area
of the spot touched is proportional to the size of the object
touching it. The size of this resistance (RTOUCH) can be calculated
using two different methods.
The first method requires the user to know the total resistance
of the X-plate tablet. Three touch screen conversions are
required, a measurement of the X-position, Z1-position, and
Z2-position (see Figure 32). The following equation calculates
the touch resistance:
(
)
(
) (
)
[
]1
/
4095
/
/
×
×
=
1
2
POSITION
XPLATE
TOUCH
Z
Z
X
R
R
The second method requires that the resistance of both the
X-plate and Y-plate tablets are known. Again three touch screen
conversions are required, a measurement of the X-position,
Y-position, and Z1-position (see Figure 32).
The following equation also calculates the touch resistance:
(
)
(
) (
)
[
]
{
}
(
)
[
]
4095
/
1
/
4096
4095
/
/
POSITION
YPLATE
1
POSITION
1
XPLATE
TOUCH
Y
R
Z
X
Z
R
R
×
/
/
×
×
=
Figure 32. Pressure Measurement Block Diagram
+
BATTERY
0V TO 6V
DC/DC
CONVERTER
+VCC
VBAT
0V TO 1.5V
ADC CORE
7.5k
Ω
2.5k
Ω
+
–
+
–
+
–
X+
X–
X+
X–
Y+
Y–
Y–
TOUCH
TOUCH
Z2-POSITION
Z1-POSITION
TOUCH
X-POSITION
Y+
X+
X–
Y–
Y+
MEASURE X-POSITION
MEASURE Z1-POSITION
MEASURE Z2-POSITION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com