Electronic Components Datasheet Search
  English  ▼

X  

AD7873ACPZ Datasheet(PDF) 24 Page - Analog Devices

Part # AD7873ACPZ
Description  Touch Screen Digitizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ACPZ Datasheet(HTML) 24 Page - Analog Devices

Back Button AD7873ACPZ Datasheet HTML 20Page - Analog Devices AD7873ACPZ Datasheet HTML 21Page - Analog Devices AD7873ACPZ Datasheet HTML 22Page - Analog Devices AD7873ACPZ Datasheet HTML 23Page - Analog Devices AD7873ACPZ Datasheet HTML 24Page - Analog Devices AD7873ACPZ Datasheet HTML 25Page - Analog Devices AD7873ACPZ Datasheet HTML 26Page - Analog Devices AD7873ACPZ Datasheet HTML 27Page - Analog Devices AD7873ACPZ Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 29 page
background image
Data Sheet
AD7873
Rev. F | Page 23 of 28
GROUNDING AND LAYOUT
For information on grounding and layout considerations for the
AD7873, refer to Application Note AN-577, Layout and
Grounding Recommendations for Touch Screen Digitizers.
PCB DESIGN GUIDELINES FOR
CHIP SCALE PACKAGE
The lands on the chip scale package (CP-32) are rectangular.
The printed circuit board pad for these should be 0.1 mm
longer than the package land length and 0.05 mm wider than
the package land width. The land should be centered on the
pad. This ensures that the solder joint size is maximized.
The bottom of the chip scale package has a central thermal pad.
The thermal pad on the printed circuit board should be at least
as large as this exposed pad. On the printed circuit board, there
should be a clearance of at least 0.25 mm between the thermal
pad and the inner edges of the pad pattern. This ensures that
shorting is avoided.
Thermal vias can be used on the printed circuit board thermal
pad to improve thermal performance of the package. If vias are
used, they should be incorporated in the thermal pad at 1.2 mm
pitch grid. The via diameter should be between 0.3 mm and
0.33 mm and the via barrel should be plated with 1 oz. copper
to plug the via.
The user should connect the printed circuit board thermal
pad to GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com