Electronic Components Datasheet Search
  English  ▼

X  

AD7873ACPZ Datasheet(PDF) 23 Page - Analog Devices

Part # AD7873ACPZ
Description  Touch Screen Digitizer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7873ACPZ Datasheet(HTML) 23 Page - Analog Devices

Back Button AD7873ACPZ Datasheet HTML 19Page - Analog Devices AD7873ACPZ Datasheet HTML 20Page - Analog Devices AD7873ACPZ Datasheet HTML 21Page - Analog Devices AD7873ACPZ Datasheet HTML 22Page - Analog Devices AD7873ACPZ Datasheet HTML 23Page - Analog Devices AD7873ACPZ Datasheet HTML 24Page - Analog Devices AD7873ACPZ Datasheet HTML 25Page - Analog Devices AD7873ACPZ Datasheet HTML 26Page - Analog Devices AD7873ACPZ Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
AD7873
Data Sheet
Rev. F | Page 22 of 28
16 Clocks per Cycle
The control bits for the next conversion can be overlapped with
the current conversion to allow for a conversion every 16 DCLK
cycles, as shown in Figure 38. This timing diagram also allows
the possibility of communication with other serial peripherals
between each byte (eight DCLKs) transfer between the
processor and the converter. However, the conversion must
complete within a short enough time frame to avoid capacitive
droop effects that could distort the conversion result. It should
also be noted that the AD7873 is fully powered while other
serial communications are taking place between byte transfers.
15 Clocks per Cycle
Figure 39 shows the fastest way to clock the AD7873. This
scheme does not work with most microcontrollers or DSPs
because they are not capable of generating a 15 clock cycle per
serial transfer. However, some DSPs allow the number of clocks
per cycle to be programmed. This method can also be used with
FPGAs (field programmable gate arrays) or ASICs (application
specific integrated circuits). As in the 16 clocks per cycle case,
the control bits for the next conversion are overlapped with the
current conversion to allow a conversion every 15 DCLK cycles
using 12 DCLKs to perform the conversion and 3 DCLKs to
acquire the analog input. This effectively increases the
throughput rate of the AD7873 beyond that used for the
specifications that are tested using 16 DCLKs per cycle, and
DCLK = 2 MHz.
8-Bit Conversion
The AD7873 can be set up to operate in an 8-bit mode rather
than a 12-bit mode by setting the MODE bit in the control
register to 1. This mode allows a faster throughput rate to be
achieved, assuming 8-bit resolution is sufficient. When using 8-bit
mode, a conversion is complete four clock cycles earlier than in
12-bit mode. This can be used with serial interfaces that provide
12 clock transfers, or two conversions can be completed with
three 8-clock transfers. The throughput rate increases by 25% as
a result of the shorter conversion cycle, but the conversion itself
can occur at a faster clock rate because the internal settling time
of the AD7873 is not as critical, because settling to eight bits is
all that is required. The clock rate can be as much as 50% faster.
The faster clock rate and fewer clock cycles combine to provide
double the conversion rate.
Figure 38. Conversion Timing, 16 DCLKs per Cycle, 8-Bit Bus Interface. No DCLK delay required with dedicated serial port.
Figure 39. Conversion Timing, 15 DCLKs per Cycle, Maximum Throughput Rate
DCLK
DIN
BUSY
DOUT
CS
1
S
S
11
10
9
8
7
6
5
4
3
2
1
0
11
10
9
1
1
1
8
8
8
CONTROL BITS
CONTROL BITS
CS
DCLK
DIN
BUSY
DOUT
S
A2
PD1 PD0
A1
A0 MODE
SER/
DFR
MODE
SER/
DFR
1
11
10
9
8
7
6
5
4
3
2
1
0
11
10
9
8
7
6
5
4
15
1
15
1
S
A2
S
A2
A1
PD1 PD0
A0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com