Electronic Components Datasheet Search
  English  ▼

X  

ADV7172 Datasheet(PDF) 39 Page - Analog Devices

Part # ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7172 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADV7172 Datasheet HTML 35Page - Analog Devices ADV7172 Datasheet HTML 36Page - Analog Devices ADV7172 Datasheet HTML 37Page - Analog Devices ADV7172 Datasheet HTML 38Page - Analog Devices ADV7172 Datasheet HTML 39Page - Analog Devices ADV7172 Datasheet HTML 40Page - Analog Devices ADV7172 Datasheet HTML 41Page - Analog Devices ADV7172 Datasheet HTML 42Page - Analog Devices ADV7172 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
REV. B
ADV7172/ADV7173
–39–
COLOR CONTROL REGISTERS 2–1 (CC2–CC1)
(Address (SR4–SR0) = 1EH–1FH)
The color control registers are 8-bit-wide registers used to scale
the U and V output levels. Figure 64 shows the operations
under control of these registers.
CC1 BIT DESCRIPTION
Reserved (CC17–CC16)
A Logic “0” must be written to these bits.
U Scalar Value (CC15–CC10)
These six bits represent the value required to scale the U level
from 0.75 to 1.25 of its initial level. The value of these six bits is
calculated using the following equation:
Color Control Register 1 = (X – 0.75)
× 128
where X = Scaling factor for U
e.g., Scale U by 0.8
Color Control Register 1 = (0.8 – 0.75)
× 128 = 6.4 = 000110
(rounded to the nearest integer)
CC2 BIT DESCRIPTION
Reserved (CC27–CC26)
A Logic “0” must be written to these bits.
V Scalar Value (CC25–CC20)
These six bits represent the value required to scale the V pixel
data from 0.75 to 1.25 of its initial level. The value of these six
bits is calculated using the following equation:
Color Control Register 2 = (X – 0.75)
× 128
where X = Scaling factor for V
e.g., Scale V by 1.2
Color Control Register 2 = (1.2 – 0.75)
× 128 = 57.6 = 111001
(rounded to the nearest integer)
HUE CONTROL REGISTER (HCR)
(Address (SR5–SR0) = 20H)
The hue control register is an 8-bit-wide register used to adjust
the hue on the composite and chroma outputs. Figure 65 shows
the operation under control of this register.
HCR BIT DESCRIPTION
Hue Adjust Value (HCR7–HCR0)
These eight bits represent the value required to vary the hue of
the video data, i.e., the variance in phase of the subcarrier with
respect to the phase of the subcarrier during the color burst.
The ADV7172/ADV7173 provides a range of
± 22° in incre-
ments of 0.17578125
°. For normal operation (zero adjustment)
this register is set to 80 Hex. FFHex and 00Hex represent the
upper and lower limit (respectively) of adjustment attainable.
Hue Adjust = (0.17568125
× [HCR7 – HCR0 – 128]).
CC17
CC16
CC15
CC14
CC13
CC12
CC11
CC10
CC15–CC10
U SCALAR VALUE
CC17–CC16
ZERO SHOULD
BE WRITTEN
TO THESE BITS
CC27
CC26
CC25
CC24
CC23
CC22
CC21
CC20
CC25–CC20
V SCALAR VALUE
CC27–CC26
ZERO SHOULD
BE WRITTEN
TO THESE BITS
Figure 64. Color Control Registers
HCR7
HCR6
HCR5
HCR4
HCR3
HCR2
HCR1
HCR0
HCR7–HCR0
HUE ADJUST VALUE
Figure 65. Hue Control Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com