Electronic Components Datasheet Search
  English  ▼

X  

ADV7172 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7172 Datasheet(HTML) 3 Page - Analog Devices

  ADV7172 Datasheet HTML 1Page - Analog Devices ADV7172 Datasheet HTML 2Page - Analog Devices ADV7172 Datasheet HTML 3Page - Analog Devices ADV7172 Datasheet HTML 4Page - Analog Devices ADV7172 Datasheet HTML 5Page - Analog Devices ADV7172 Datasheet HTML 6Page - Analog Devices ADV7172 Datasheet HTML 7Page - Analog Devices ADV7172 Datasheet HTML 8Page - Analog Devices ADV7172 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
REV. B
–3–
ADV7172/ADV7173
(VAA = 5 V
5%1, VREF = 1.235 V, RSET1,2 = 600
unless otherwise noted. All specifications TMIN to TMAX
2
unless otherwise noted.)
Parameter
Test Conditions
1
Min
Typ
Max
Unit
STATIC PERFORMANCE
Resolution (Each DAC)
10
Bits
Accuracy (Each DAC)
Integral Nonlinearity
3
±1.0
LSB
Differential Nonlinearity
3
Guaranteed Monotonic
±1.0
LSB
DIGITAL INPUTS
Input High Voltage, VINH
2V
Input Low Voltage, VINL
0.8
V
Input Current, IIN
VIN = 0.4 V or 2.4 V
±1
µA
Input Capacitance, CIN
10
pF
DIGITAL OUTPUTS
Output High Voltage, VOH
ISOURCE = 400
µA
2.4
V
Output Low Voltage, VOL
ISINK = 3.2 mA
0.4
V
Three-State Leakage Current
10
µA
Three-State Output Capacitance
10
pF
ANALOG OUTPUTS
Output Current (DACs A, B, C)4
RSET1 = 150
Ω, R
L = 37.5
Ω
33
34.7
37
mA
Output Current (DACs A, B, C)
5
RSET1 = 1041
Ω, RL = 262.5 Ω
5mA
Output Current (DACs D, E, F)
6
RSET2 = 600
Ω, RL = 150 Ω
8.25
8.66
9.25
mA
Output Current (DACs D, E, F)5
RSET2 = 1041
Ω, R
L = 262.5
Ω
5mA
DAC-to-DAC Matching (DACs A, B, C)
7
1
4.0
%
DAC-to-DAC Matching (DACs D, E, F)
7
1
4.0
%
Output Compliance, VOC
0
1.4
V
Output Impedance, ROUT
30
k
Ω
Output Capacitance, COUT
IOUT = 0 mA
30
pF
VOLTAGE REFERENCE
Reference Range, VREF
IVREFOUT = 20
µA
1.112
1.235
1.359
V
POWER REQUIREMENTS
VAA
4.75
5.0
5.25
V
Normal Power Mode
IDAC (max)
8, 9
RSET1,2 = 600
Ω
59
65
mA
IDAC (min)
8, 9
RSET1,2 = 1041
Ω
30
mA
ICCT
10
78
90
mA
Low Power Mode
IDAC (max)
11
RSET1 = 150
Ω
64
mA
IDAC (min)
11
15
mA
ICCT
10
78
90
mA
Sleep Mode
IDAC
12
0.1
µA
ICCT
13
0.1
µA
Power Supply Rejection Ratio
COMP = 0.1
µF
0.01
0.5
%/%
NOTES
1The max/min specifications are guaranteed over this range. The max/min values are typical over 4.75 V to 5.25 V.
2Temperature range T
MIN to TMAX: 0
°C to 70°C.
3Characterized by design.
4Full drive into 75
Ω doubly terminated load.
5Minimum drive current (used with buffered/scaled output load).
6Full drive into 150
Ω load.
7Specification guaranteed by characterization.
8I
DAC is the total current (“min” corresponds to 5 mA output per DAC, “max” corresponds to 8.66 mA output per DAC ) to drive DACs A, B, C, D, E, F. Turning off
individual DACs reduces IDAC correspondingly, also DACs A, B, C can be configured to output a max current of 37 mA but DAC D, E, F must be turned off.
9All six DACs on (DAC A, B, C, D, E, F).
10I
CCT (Circuit Current) is the continuous current required to drive the device.
11Only large DACs (DACs A, B, C) on per low power mode.
12Total DAC current in Sleep Mode.
13Total continuous current during Sleep Mode.
Specifications subject to change without notice.
5 V SPECIFICATIONS
SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com