Electronic Components Datasheet Search
  English  ▼

X  

ADV7172 Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7172 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7172 Datasheet HTML 28Page - Analog Devices ADV7172 Datasheet HTML 29Page - Analog Devices ADV7172 Datasheet HTML 30Page - Analog Devices ADV7172 Datasheet HTML 31Page - Analog Devices ADV7172 Datasheet HTML 32Page - Analog Devices ADV7172 Datasheet HTML 33Page - Analog Devices ADV7172 Datasheet HTML 34Page - Analog Devices ADV7172 Datasheet HTML 35Page - Analog Devices ADV7172 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
REV. B
ADV7172/ADV7173
–32–
MODE REGISTER 6 MR6 (MR67–MR60)
(Address (SR4–SR0) = 06H)
Mode Register 6 is an 8-bit-wide register. Figure 50 shows the
various operations under the control of Mode Register 6.
MR6 BIT DESCRIPTION
Power-Up Sleep Mode Control (MR60)
After reset this bit is set to “0,” if both SCRESET/RTC and
NTSC_PAL pins are tied high, the part will power-up in sleep
mode (to facilitate low power consumption before the I
2C is
initialized). When this bit is set to “1” (via the I
2C), sleep mode
control passes to Mode Register 2, Bit 7.
Reserved (MR61)
A Logic “0” must be written to this bit.
Luma Autodetect Control (MR62)
This bit controls which mode of autodetect operation is being
used on the luma DAC (DAC B) on the ADV7172/ADV7173.
If this bit is set (“0”), Mode 0 is on; if this bit is set (“1”), then
Mode 1 is being used.
Composite Autodetect Control (MR63)
This bit controls which mode of autodetect operation is being
used on the composite DAC (DAC A) on the ADV7172/
ADV7173. If this bit is set (“0”), Mode 0 is on; if this bit is set
(“1”), then Mode 1 is being used.
DAC Termination Control (MR64)
This bit controls the load termination resistance detected by the
autodetect functionality. If this bit is set (“0”), the autodetect
feature is used to determine if a 75
Ω termination is present. If
this bit is set to (“1”), the autodetect feature is used to indicate
if a 150
Ω termination is present.
Reserved (MR65)
A Logic “0” must be written to this bit.
Luma DAC Status Bit (MR66)
This bit is a read-only status bit for the autodetect feature of
the ADV7172/ADV7173 and may be read to check whether
or not the composite DAC is terminated. If this bit is set (“1”),
there is no termination; if this bit is set (“0”), the composite DAC
is terminated.
Composite DAC Status Bit (MR67)
This bit is a read only status bit for the autodetect feature of the
ADV7172/ADV7173 and may be read to check whether or not
the luma DAC is terminated. If this bit is set (“1”), there is no
termination. If this bit is set (“0”), the luma DAC is terminated.
MR61
MR60
MR67
MR62
MR64
MR63
MR65
MR66
COMPOSITE
DAC STATUS BIT
0
NOT TERMINATED
1
TERMINATED
MR67
DAC TERMINATION
CONTROL
01
MODE
12
MODE
MR64
LUMA DAC
STATUS BIT
0
NOT TERMINATED
1
TERMINATED
MR66
COMP AUTODETECT
CONTROL
0
MODE 0
1
MODE 1
MR63
LUMA AUTODETECT
CONTROL
0
MODE 0
1
MODE 1
MR62
MR61
ZERO SHOULD
BE WRITTEN TO
THIS BIT
POWER-UP SLEEP
MODE CONTROL
0
ENABLE
1
DISABLE
MR60
ZERO SHOULD
BE WRITTEN TO
THIS BIT
MR65
Figure 50. Mode Register 6 (MR6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com