Electronic Components Datasheet Search
  English  ▼

X  

ADV7172 Datasheet(PDF) 33 Page - Analog Devices

Part # ADV7172
Description  Digital PAL/NTSC Video Encoder with Six DACs (10 Bits), Color Control and Enhanced Power Management
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7172 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADV7172 Datasheet HTML 29Page - Analog Devices ADV7172 Datasheet HTML 30Page - Analog Devices ADV7172 Datasheet HTML 31Page - Analog Devices ADV7172 Datasheet HTML 32Page - Analog Devices ADV7172 Datasheet HTML 33Page - Analog Devices ADV7172 Datasheet HTML 34Page - Analog Devices ADV7172 Datasheet HTML 35Page - Analog Devices ADV7172 Datasheet HTML 36Page - Analog Devices ADV7172 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
REV. B
ADV7172/ADV7173
–33–
MODE REGISTER 7 MR7 (MR77–MR70)
(Address (SR4–SR0) = 07H)
Mode Register 7 is an 8-bit-wide register. Figure 51 shows the
various operations under the control of Mode Register 7.
MR7 BIT DESCRIPTION
Color Control Enable (MR70)
This bit is used to enable control of contrast and saturation of
color. If this bit is set (“1”), color controls are enabled; if this
bit is set (“0”), the color control features are disabled.
Luma Saturation Control (MR71)
When this bit is set (“1”), the luma signal will be clipped if it
reaches a limit that corresponds to an input luma value of
255 after scaling by the contrast control. This prevents the
chrominance component of the composite video signal being
clipped if the amplitude of the luma is too high. When this bit is
set (“0”), this control is disabled.
Hue Adjust Enable (MR72)
This bit is used to enable hue adjustment on the composite and
chroma output signals of the ADV7172/ADV7173. When this
bit is set (“1”), the hue of the color is adjusted by the phase
offset described in the Hue Control Register. When this bit is
set (“0”) hue adjustment is disabled.
Brightness Enable Control (MR73)
This bit is used to enable brightness control on the ADV7172/
ADV7173 by enabling the programmable “setup level” or ped-
estal described in the Brightness Control Register to be added to
the scaled Y data. When this bit is set (“1”), brightness control
is enabled. When this bit is set (“0”), brightness control is disabled.
Sharpness Response Enable (MR74)
This bit is used to enable the sharpness of the luminance signal
on the ADV7172/ADV7173 (MR04–MR02 = 100). The various
responses of the filter are determined by the Sharpness Response
Register. When this bit is set (“1”) the luma response is altered
by the amount described in the Sharpness Response Register.
When this bit is set (“0”), the sharpness control is disabled (see
Figures 19, 20, and 21 for luma signal responses).
CSO_HSO Output Control (MR75)
This bit is used to determine whether
HSO or CSO TTL out-
put signal is output at the
CSO_HSO pin. If this bit is set (“1”),
then the
CSO TTL signal is output. If this bit is set (“0”), then
the
HSO TTL signal is output.
Reserved (MR77–MR76)
A Logic “0” must be written to these bits.
MR71
MR70
MR77
MR72
MR74
MR73
MR75
MR76
MR77 MR76
ZERO SHOULD
BE WRITTEN TO
THESE BITS
CSO_HSO
OUTPUT CONTROL
0
HSO OUT
1
CSO OUT
MR75
BRIGHTNESS
ENABLE CONTROL
0
DISABLE
1
ENABLE
MR73
LUMA SATURATION
CONTROL
0
DISABLE
1
ENABLE
MR71
SHARPNESS
RESPONSE ENABLE
0
DISABLE
1
ENABLE
MR74
HUE ADJUST
ENABLE
0
DISABLE
1
ENABLE
MR72
COLOR CONTROL
ENABLE
0
DISABLE
1
ENABLE
MR70
Figure 51. Mode Register 7 (MR7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com