Electronic Components Datasheet Search
  English  ▼

X  

APL3516 Datasheet(PDF) 7 Page - Anpec Electronics Coropration

Part # APL3516
Description  Power-Distribution Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3516 Datasheet(HTML) 7 Page - Anpec Electronics Coropration

Back Button APL3516 Datasheet HTML 3Page - Anpec Electronics Coropration APL3516 Datasheet HTML 4Page - Anpec Electronics Coropration APL3516 Datasheet HTML 5Page - Anpec Electronics Coropration APL3516 Datasheet HTML 6Page - Anpec Electronics Coropration APL3516 Datasheet HTML 7Page - Anpec Electronics Coropration APL3516 Datasheet HTML 8Page - Anpec Electronics Coropration APL3516 Datasheet HTML 9Page - Anpec Electronics Coropration APL3516 Datasheet HTML 10Page - Anpec Electronics Coropration APL3516 Datasheet HTML 11Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2011
APL3516
www.anpec.com.tw
7
Operating Waveforms
The test condition is V
IN=3.3V, TA= 25
oC unless otherwise specified.
Turn On Response
Turn Off Response
Device Enabled into Short
Ramped Load on Enabled Device
1
2
V
EN
V
OUT
CH1: V
EN, 5V/Div, DC
TIME: 200
µs/Div
V
IN =3.3V, RLOAD =27Ω, TA=25
oC
CH2: V
OUT, 1V/Div, DC
1
V
EN
V
OUT
2
TIME: 20
µs/Div
V
IN =3.3V, RLOAD =27Ω, TA=25
oC
CH2: V
OUT, 1V/Div, DC
CH1: V
EN, 5V/Div, DC
I
IN
V
EN
1
2
TIME:200
µs/Div
V
IN =3.3V, Output Short to GND bebore Device
Enabled, T
A=25
oC
CH1: V
EN, 5V/Div, DC
CH2: I
IN, 0.5A/Div, DC
V
OCB
1
2
I
OUT
TIME:5ms/Div
CH2: I
OUT, 0.5A/Div, DC
V
IN =3.3V, CIN =COUT =1µF/X7R, T
A=25
o
C
CH1: V
OCB, 5V/Div, DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com