Electronic Components Datasheet Search
  English  ▼

X  

APL3516 Datasheet(PDF) 6 Page - Anpec Electronics Coropration

Part # APL3516
Description  Power-Distribution Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3516 Datasheet(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3516 Datasheet HTML 2Page - Anpec Electronics Coropration APL3516 Datasheet HTML 3Page - Anpec Electronics Coropration APL3516 Datasheet HTML 4Page - Anpec Electronics Coropration APL3516 Datasheet HTML 5Page - Anpec Electronics Coropration APL3516 Datasheet HTML 6Page - Anpec Electronics Coropration APL3516 Datasheet HTML 7Page - Anpec Electronics Coropration APL3516 Datasheet HTML 8Page - Anpec Electronics Coropration APL3516 Datasheet HTML 9Page - Anpec Electronics Coropration APL3516 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.6 - Jun., 2011
APL3516
www.anpec.com.tw
6
Typical Operating Characteristics (Cont.)
Static Drain-Source Resistance vs.
Input Voltage
Static Drain-Source Resistance vs.
Junction Temperature
UVLO Threshold Voltage vs.
Junction Temperature
EN Pin Threshold Voltage vs. Input
Voltage
Input Voltage (V)
EN Rising Threshold
EN Falling Threshold
R
LOAD =50Ω, CIN = COUT =1µF/X7R
2.5
2.9
3.3
3.7
4.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Current Limit Threshold vs. Input
Voltage
Current Limit Threshold vs. Junction
Temperature
Junction Temperature (oC)
-50
0
50
100
150
1.0
1.1
1.2
1.3
1.4
1.5
Input Voltage (V)
T
A=25
oC
2.5
2.9
3.3
3.7
4.1
0
0.5
2
1
1.5
UVLO Rising Threshold
UVLO Falling Threshold
Junction Temperature (oC)
I
OUT =10mA, CIN = COUT =1µF/X7R
1.2
1.6
2.0
2.4
2.8
3.2
0.8
-50
0
50
100
150
I
OUT =1A
Input Voltage (V)
T
J =125
oC
T
J =25
oC
T
J =-40
oC
2.5
2.9
3.3
3.7
4.1
25
30
35
40
45
50
55
60
65
70
20
Junction Temperature (oC)
V
IN =3.3V, IOUT =1A
-50
0
50
100
150
25
30
35
40
45
50
55
60
65
70
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com